전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5301BRTZ-REEL1 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5301BRTZ-REEL1
상세설명  2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5301BRTZ-REEL1 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5301BRTZ-REEL1 Datasheet HTML 6Page - Analog Devices AD5301BRTZ-REEL1 Datasheet HTML 7Page - Analog Devices AD5301BRTZ-REEL1 Datasheet HTML 8Page - Analog Devices AD5301BRTZ-REEL1 Datasheet HTML 9Page - Analog Devices AD5301BRTZ-REEL1 Datasheet HTML 10Page - Analog Devices AD5301BRTZ-REEL1 Datasheet HTML 11Page - Analog Devices AD5301BRTZ-REEL1 Datasheet HTML 12Page - Analog Devices AD5301BRTZ-REEL1 Datasheet HTML 13Page - Analog Devices AD5301BRTZ-REEL1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5301/AD5311/AD5321
Rev. B | Page 10 of 24
VDD = 5V
MAX INL
1.00
0.75
0.50
0
–0.50
0.25
–0.25
–0.75
–1.00
–40
0
40
80
120
TEMPERATURE (°C)
MAX DNL
MIN INL
MIN DNL
Figure 11. AD5301 INL Error and DNL Error vs. Temperature
10
8
6
4
2
0
–2
–4
–6
–8
–10
–40
0
40
80
60
20
–20
100
TEMPERATURE (°C)
ZERO CODE
FULL SCALE
VDD = 5V
Figure 12. Zero-Code Error and Full-Scale Error vs. Temperature
80
120
160
190
140
100
200
IDD (µA)
VDD = 5V
VDD = 3V
Figure 13. IDD Histogram with VDD = 3 V and VDD = 5 V
4
1
–0
0369
12
1
I (mA)
2
3
5
5
5V SINK
3V SINK
5V SOURCE
3V SOURCE
Figure 14. Source and Sink Current Capability
CODE
200
ZERO SCALE
FULL SCALE
180
160
140
120
100
80
60
40
20
0
VDD = 5V
TA= 25°C
VDD = 5V
VDD = 3V
Figure 15. Supply Current vs. Code
VDD (V)
200
2.7
3.2
3.7
4.2
4.7
5.2
150
100
50
0
+25°C
–40°C
+105°C
Figure 16. Supply Current vs. Supply Voltage


유사한 부품 번호 - AD5301BRTZ-REEL1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5301BRTZ-REEL7 AD-AD5301BRTZ-REEL7 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
More results

유사한 설명 - AD5301BRTZ-REEL1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5306 AD-AD5306 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com