전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDT434P 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDT434P
상세설명  P-Channel 2.5V Specified PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT434P 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDT434P Datasheet HTML 1Page - Fairchild Semiconductor FDT434P Datasheet HTML 2Page - Fairchild Semiconductor FDT434P Datasheet HTML 3Page - Fairchild Semiconductor FDT434P Datasheet HTML 4Page - Fairchild Semiconductor FDT434P Datasheet HTML 5Page - Fairchild Semiconductor FDT434P Datasheet HTML 6Page - Fairchild Semiconductor FDT434P Datasheet HTML 7Page - Fairchild Semiconductor FDT434P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDT434P Rev. C1 (W)
Typical Characteristics
0
3
6
9
12
15
0
1
2
3
4
5
Q
, GATE CHARGE(nC)
g
V
= -5V
DS
-1 0V
I
= -6.0A
D
-1 5V
0.10.3
1
3
10
20
50
100
200
400
1000
2500
-V
, DRAIN TO SOURCEVOLTAGE (V)
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-V
DS, DRAIN-SOURCE VOLTAGE (V)
VGS= -4.5V
SINGLE PULSE
RθJA= 42
oC/W
TA= 25
oC
RDS(ON) LIMIT
DC
1s
10s
100ms
10ms
100
µs
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA = 110
o
C/W
TA = 25
oC
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 110 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
Single Pulse
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient themal response will change depending on the circuit board design.


유사한 부품 번호 - FDT434P

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FDT434P-NL VBSEMI-FDT434P-NL Datasheet
1,005Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDT434P FAIRCHILD-FDT434P_11 Datasheet
239Kb / 5P
   P-Channel 2.5V Specified PowerTrench??MOSFET
More results

유사한 설명 - FDT434P

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDS6576 FAIRCHILD-FDS6576_06 Datasheet
451Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com