전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDT439N 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDT439N
상세설명  N-Channel 2.5V Specified EnhancementMode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT439N 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDT439N Datasheet HTML 1Page - Fairchild Semiconductor FDT439N Datasheet HTML 2Page - Fairchild Semiconductor FDT439N Datasheet HTML 3Page - Fairchild Semiconductor FDT439N Datasheet HTML 4Page - Fairchild Semiconductor FDT439N Datasheet HTML 5Page - Fairchild Semiconductor FDT439N Datasheet HTML 6Page - Fairchild Semiconductor FDT439N Datasheet HTML 7Page - Fairchild Semiconductor FDT439N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDT439N, Rev. C
Typical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-To-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = 6.3A
VGS = 4.5V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
12
345
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 3.2A
TA = 125
oC
TA = 25
o
C
0.8
1
1.2
1.4
1.6
1.8
2
0
4
8
121620
ID, DRAIN CURRENT (A)
VGS = 2.0V
2.5V
3.0V
3.5V
4.5V
0
4
8
12
16
20
0123
4
VDS, DRAIN-SOURCE VOLTAGE (V)
VGS = 4.5V
3.0V
2.5V
2.0V
1.5V
0
4
8
12
16
20
00.5
1
1.522.5
3
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
o
C
25
o
C
125
o
C
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
o
C
25
o
C
-55
o
C
VGS = 0V


유사한 부품 번호 - FDT439N

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FDT439N VBSEMI-FDT439N Datasheet
1,013Kb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - FDT439N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDP4020P FAIRCHILD-FDP4020P Datasheet
213Kb / 7P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
FDP4020P FAIRCHILD-FDP4020P_00 Datasheet
79Kb / 5P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB4020P KEXIN-KDB4020P Datasheet
51Kb / 2P
   P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor
logo
New Jersey Semi-Conduct...
2N5163 NJSEMI-2N5163 Datasheet
202Kb / 1P
   N-CHANNEL FIELD-EFFECT TRANSISTOR
logo
NXP Semiconductors
PMBF4416 PHILIPS-PMBF4416 Datasheet
95Kb / 9P
   N-channel field-effect transistor
April 1995
PN4416 PHILIPS-PN4416 Datasheet
95Kb / 9P
   N-channel field-effect transistor
December 1997
logo
List of Unclassifed Man...
12N035 ETC1-12N035 Datasheet
36Kb / 2P
   N-Channel Field Effect Transistor
60N035 ETC-60N035 Datasheet
127Kb / 2P
   N-Channel Field Effect Transistor
4N600 ETC1-4N600 Datasheet
36Kb / 2P
   N-Channel Field Effect Transistor
50N035 ETC-50N035 Datasheet
34Kb / 2P
   N-Channel Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com