전자부품 데이터시트 검색엔진 |
|
AD5242BRUZ1M 데이터시트(PDF) 8 Page - Analog Devices |
|
AD5242BRUZ1M 데이터시트(HTML) 8 Page - Analog Devices |
8 / 20 page AD5241/AD5242 Rev. C | Page 8 of 20 TYPICAL PERFORMANCE CHARACTERISTICS CODE (Decimal) 1.0 0.5 0 –0.5 –1.0 256 224 192 160 128 96 64 32 0 VDD/VSS = +2.7V/0V VDD/VSS = +5.5V/0V, ±2.7V VDD = +2.7V VDD = +5.5V VDD = ±2.7V Figure 8. RDNL vs. Code CODE (Decimal) 1.0 0.5 0 –0.5 –1.0 224 192 160 128 96 64 32 0 256 VDD/VSS = +2.7V/0V VDD/VSS = +5.5V/0V, ±2.7V VDD = +2.7V VDD = +5.5V VDD = ±2.7V Figure 9. RINL vs. Code CODE (Decimal) 0.25 0.13 0 –0.13 –0.25 256 224 192 160 128 96 64 32 0 VDD = +2.7V VDD = +5.5V VDD = ±2.7V VDD/VSS = +2.7V/0V, +5.5V/0V, ±2.7V Figure 10. DNL vs. Code CODE (Decimal) 0.50 0.25 0 –0.25 –0.50 256 224 160 128 64 32 01 96 92 VDD/VSS = +2.7V VDD/VSS = +2.7V/0V, +5.5V/0V VDD = +2.7V VDD = +5.5V VDD = ±2.7V Figure 11. INL vs. Code 10k 100 1 80 60 40 20 0 –20 –40 TEMPERATURE (°C) VDD = 2.7V TA = 25°C 10 1k 10kΩ 100kΩ 1MΩ Figure 12. Nominal Resistance vs. Temperature 10k 1k 100 10 1 5 4 3 2 1 0 INPUT LOGIC VOLTAGE (V) VDD = 2.5V VDD = 3V VDD = 5V Figure 13. Supply Current vs. Input Logic Voltage |
유사한 부품 번호 - AD5242BRUZ1M |
|
유사한 설명 - AD5242BRUZ1M |