전자부품 데이터시트 검색엔진 |
|
AD7490BRUZ 데이터시트(PDF) 9 Page - Analog Devices |
|
AD7490BRUZ 데이터시트(HTML) 9 Page - Analog Devices |
9 / 28 page Data Sheet AD7490 Rev. D | Page 9 of 28 –50 –85 –80 –75 –70 –65 –60 –55 10 100 1000 INPUT FREQUENCY (Hz) RIN = 1000Ω RIN = 100Ω RIN = 10Ω RIN = 5Ω fS = 1MSPS TA = 25°C VDD = 5.25V RANGE = 0V TO REFIN Figure 9. THD vs. Analog Input Frequency for Various Analog Source Impedances 1.0 –1.0 –0.8 –0.6 –0.4 –0.2 0 0.2 0.4 0.6 0.8 0 512 1024 1536 2048 2560 3072 3584 4096 CODE VDD = VDRIVE = 5V TEMPERATURE = 25°C Figure 10. Typical INL 1.0 –1.0 –0.8 –0.6 –0.4 –0.2 0 0.2 0.4 0.6 0.8 0 512 1024 1536 2048 2560 3072 3584 4096 CODE VDD = VDRIVE = 5V TEMPERATURE = 25°C Figure 11. Typical DNL |
유사한 부품 번호 - AD7490BRUZ |
|
유사한 설명 - AD7490BRUZ |