전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7705BRZ1 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7705BRZ1
상세설명  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7705BRZ1 데이터시트(HTML) 5 Page - Analog Devices

  AD7705BRZ1 Datasheet HTML 1Page - Analog Devices AD7705BRZ1 Datasheet HTML 2Page - Analog Devices AD7705BRZ1 Datasheet HTML 3Page - Analog Devices AD7705BRZ1 Datasheet HTML 4Page - Analog Devices AD7705BRZ1 Datasheet HTML 5Page - Analog Devices AD7705BRZ1 Datasheet HTML 6Page - Analog Devices AD7705BRZ1 Datasheet HTML 7Page - Analog Devices AD7705BRZ1 Datasheet HTML 8Page - Analog Devices AD7705BRZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD7705/AD7706
Rev. C | Page 5 of 44
SPECIFICATIONS
VDD = 3 V or 5 V, REF IN(+) = 1.225 V with VDD = 3 V, and 2.5 V with VDD = 5 V; REF IN(−) = GND; MCLK IN = 2.4576 MHz, unless
otherwise noted. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
B Version1
Unit
Conditions/Comments
STATIC PERFORMANCE
No Missing Codes
16
Bits min
Guaranteed by design, filter notch < 60 Hz
Output Noise
See Table 5 and
Table 7
Depends on filter cutoffs and selected gain
Integral Nonlinearity2
±0.003
% of FSR max
Filter notch < 60 Hz, typically ±0.0003%
Unipolar Offset Error3
Unipolar Offset Drift4
0.5
μV/°C typ
Bipolar Zero Error3
Bipolar Zero Drift4
0.5
μV/°C typ
For gains 1, 2, and 4
0.1
μV/°C typ
For gains 8, 16, 32, 64, and 128
Positive Full-Scale Error3, 5
Full-Scale Drift4, 6
0.5
μV/°C typ
Gain Error3, 7
Gain Drift4, 8
0.5
ppm of FSR/°C
typ
Bipolar Negative Full-Scale Error2
±0.003
% of FSR typ
Typically ±0.001%
Bipolar Negative Full-Scale Drift4
1
μV/°C typ
For gains of 1 to 4
0.6
μV/°C typ
For gains of 8 to 128
ANALOG INPUTS/REFERENCE INPUTS
Specifications for AIN and REF IN, unless otherwise
noted
Common-Mode Rejection (CMR)2
VDD = 5 V
Gain = 1
96
dB typ
Gain = 2
105
dB typ
Gain = 4
110
dB typ
Gain = 8 to 128
130
dB typ
VDD = 3 V
Gain = 1
105
dB typ
Gain = 2
110
dB typ
Gain = 4
120
dB typ
Gain = 8 to 128
130
dB typ
Normal-Mode 50 Hz Rejection2
98
dB typ
For filter notches of 25 Hz, 50 Hz, ±0.02 × fNOTCH
Normal-Mode 60 Hz Rejection2
98
dB typ
For filter notches of 20 Hz, 60 Hz, ±0.02 × fNOTCH
Common-Mode 50 Hz Rejection2
150
dB typ
For filter notches of 25 Hz, 50 Hz, ±0.02 × fNOTCH
Common-Mode 60 Hz Rejection2
150
dB typ
For filter notches of 20 Hz, 60 Hz, ±0.02 × fNOTCH
Absolute/Common-Mode REF IN
Voltage2
GND to VDD
V min to V max
Absolute/Common-Mode AIN
Voltage2, 9, 10
GND − 100 mV
V min
BUF bit of setup register = 0
VDD + 30 mV
V max
Absolute/Common-Mode AIN
Voltage2, 9
GND + 50 mV
V min
BUF bit of setup register = 1
VDD − 1.5 V
V max
AIN DC Input Current2
1
nA max
AIN Sampling Capacitance2
10
pF max
AIN Differential Voltage Range11
0 to +VREF/gain12
nom
Unipolar input range (B/U bit of setup register = 1)
±VREF/gain
nom
Bipolar input range (B/U bit of setup register = 0)


유사한 부품 번호 - AD7705BRZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7705BRZ1 AD-AD7705BRZ1 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
More results

유사한 설명 - AD7705BRZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com