전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7715 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7715
상세설명  3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7715 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7715_10 Datasheet HTML 5Page - Analog Devices AD7715_10 Datasheet HTML 6Page - Analog Devices AD7715_10 Datasheet HTML 7Page - Analog Devices AD7715_10 Datasheet HTML 8Page - Analog Devices AD7715_10 Datasheet HTML 9Page - Analog Devices AD7715_10 Datasheet HTML 10Page - Analog Devices AD7715_10 Datasheet HTML 11Page - Analog Devices AD7715_10 Datasheet HTML 12Page - Analog Devices AD7715_10 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD7715
Rev. D | Page 9 of 40
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
AVDD to AGND
−0.3 V to +7 V
AVDD to DGND
−0.3 V to +7 V
AVDD to DVDD
−0.3 V to +7 V
DVDD to AGND
−0.3 V to +7 V
DVDD to DGND
−0.3 V to +7 V
DGND to AGND
−0.3 V to +7 V
Analog Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Reference Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to DVDD + 0.3 V
Operating Temperature Range
Commercial (A Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Plastic DIP Package, Power Dissipation
450 mW
θJA Thermal Impedance
105°C/W
Lead Temperature, (Soldering, 10 sec)
260°C
SOIC Package, Power Dissipation
450 mW
θJA Thermal Impedance
75°C/W
Lead Temperature, Reflow Soldering
260°C
TSSOP Package, Power Dissipation
450 mW
θJA Thermal Impedance
128°C/W
Lead Temperature, Reflow Soldering
+260°C
Power Dissipation (Any Package) to +75°C
450 mW
ESD Rating
>4000 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


유사한 부품 번호 - AD7715_10

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
More results

유사한 설명 - AD7715_10

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com