전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5620ARJZ-2500RL7 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD5620ARJZ-2500RL7
상세설명  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5620ARJZ-2500RL7 데이터시트(HTML) 3 Page - Analog Devices

  AD5620ARJZ-2500RL7 Datasheet HTML 1Page - Analog Devices AD5620ARJZ-2500RL7 Datasheet HTML 2Page - Analog Devices AD5620ARJZ-2500RL7 Datasheet HTML 3Page - Analog Devices AD5620ARJZ-2500RL7 Datasheet HTML 4Page - Analog Devices AD5620ARJZ-2500RL7 Datasheet HTML 5Page - Analog Devices AD5620ARJZ-2500RL7 Datasheet HTML 6Page - Analog Devices AD5620ARJZ-2500RL7 Datasheet HTML 7Page - Analog Devices AD5620ARJZ-2500RL7 Datasheet HTML 8Page - Analog Devices AD5620ARJZ-2500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 3 of 28
SPECIFICATIONS
AD5620/AD5640/AD5660-2-3
VDD = 4.5 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, CREFOUT = 100 nF; all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
A Grade1
B Grade1
C Grade1
Unit
Conditions/Comments
STATIC PERFORMANCE2
AD5660
Resolution
16
16
16
Bits min
Relative Accuracy
±32
±16
±16
LSB max
Differential Nonlinearity
±1
±1
±1
LSB max
Guaranteed monotonic by design
AD5640
Resolution
14
14
14
Bits min
Relative Accuracy
±8
±4
±4
LSB max
Differential Nonlinearity
±0.5
±0.5
±0.5
LSB max
Guaranteed monotonic by design
AD5620
Resolution
12
12
12
Bits min
Relative Accuracy
±6
±1
±1
LSB max
Differential Nonlinearity
±0.25
±0.25
±0.25
LSB max
Guaranteed monotonic by design
Zero-Code Error
2
2
2
mV typ
All 0s loaded to DAC register
10
10
10
mV max
Offset Error
±10
±10
±10
mV max
Full-Scale Error
−0.15
−0.15
−0.15
% FSR typ
All 1s loaded to DAC register
±1
±1
±1
% FSR max
Gain Error
±1.5
±1.5
±1.5
% FSR max
Zero-Code Error Drift
±2
±2
±2
μV/°C typ
Gain Temperature Coefficient
±2.5
±2.5
±2.5
ppm typ
Of FSR/°C
DC Power Supply Rejection Ratio
−75
−75
−75
dB typ
DAC code = midscale; VDD = 5 V ± 10%
OUTPUT CHARACTERISTICS3
Output Voltage Range
0
0
0
V min
VDD
VDD
VDD
V max
Output Voltage Settling Time
8
8
8
μs typ
¼ to ¾ scale change settling to ±2 LSB
10
10
10
μs max
RL = 2 kΩ; 0 pF < CL < 200 pF
Slew Rate
1.5
1.5
1.5
V/μs typ
¼ to ¾ scale
Capacitive Load Stability
2
2
2
nF typ
RL = ∞
10
10
10
nF typ
RL = 2 kΩ
Output Noise Spectral Density
80
80
80
nV/√Hz typ
DAC code = midscale, 10 kHz
Output Noise (0.1 Hz to 10 Hz)
45
45
45
μV p-p typ
DAC code = midscale
Digital-to-Analog Glitch Impulse
5
5
5
nV-s typ
1 LSB change around major carry
Digital Feedthrough
0.1
0.1
0.1
nV-s typ
DC Output Impedance
0.5
0.5
0.5
Ω typ
Short-Circuit Current
30
30
30
mA typ
VDD = 5 V
Power-Up Time
5
5
5
μs typ
Coming out of power-down mode; VDD = 5 V
REFERENCE OUTPUT
Output Voltage
2.495
2.495
2.495
V min
At ambient
2.505
2.505
2.505
V max
Reference TC3
±10
±10
±5
ppm/°C typ
±10
ppm/°C max
Output Impedance
7.5
7.5
7.5
kΩ typ


유사한 부품 번호 - AD5620ARJZ-2500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1REEL7 AD-AD5620ARJ-1REEL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-2500RL7 AD-AD5620ARJ-2500RL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-2REEL7 AD-AD5620ARJ-2REEL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
More results

유사한 설명 - AD5620ARJZ-2500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com