전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5660ARJ-1500RL7 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD5660ARJ-1500RL7
상세설명  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5660ARJ-1500RL7 데이터시트(HTML) 2 Page - Analog Devices

  AD5660ARJ-1500RL7 Datasheet HTML 1Page - Analog Devices AD5660ARJ-1500RL7 Datasheet HTML 2Page - Analog Devices AD5660ARJ-1500RL7 Datasheet HTML 3Page - Analog Devices AD5660ARJ-1500RL7 Datasheet HTML 4Page - Analog Devices AD5660ARJ-1500RL7 Datasheet HTML 5Page - Analog Devices AD5660ARJ-1500RL7 Datasheet HTML 6Page - Analog Devices AD5660ARJ-1500RL7 Datasheet HTML 7Page - Analog Devices AD5660ARJ-1500RL7 Datasheet HTML 8Page - Analog Devices AD5660ARJ-1500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Product Highlights ........................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
AD5620/AD5640/AD5660-2-3 .................................................. 3
 
AD5620/AD5640/AD5660-1 ...................................................... 5
 
Timing Characteristics ................................................................ 7
 
Absolute Maximum Ratings............................................................ 8
 
ESD Caution.................................................................................. 8
 
Pin Configurations and Function Descriptions ........................... 9
 
Typical Performance Characteristics ........................................... 10
 
Terminology .................................................................................... 16
 
Theory of Operation ...................................................................... 17
 
D/A Section................................................................................. 17
 
Resistor String ............................................................................. 17
 
Internal Reference ...................................................................... 17
 
Output Amplifier........................................................................ 17
 
Serial Interface ............................................................................ 17
 
Input Shift Register .................................................................... 18
 
SYNC Interrupt .......................................................................... 18 
Power-On Reset.......................................................................... 19
 
Power-Down Modes .................................................................. 19
 
Microprocessor Interfacing....................................................... 19
 
Applications Information .............................................................. 21
 
Using a REF19x as a Power Supply for the
AD5620/AD5640/AD5660 ....................................................... 21
 
Bipolar Operation Using the AD5660 ..................................... 21
 
Using the AD5660 as an Isolated, Programmable, 4 mA to
20 mA Process Controller ......................................................... 22
 
Using the AD5620/AD5640/AD5660 with a Galvanically
Isolated Interface ........................................................................ 22
 
Power Supply Bypassing and Grounding................................ 23
 
Outline Dimensions ....................................................................... 24
 
Ordering Guide .......................................................................... 25
 
REVISION HISTORY
12/10—Rev. E to Rev. F
Changes to Ordering Guide .......................................................... 25
7/10—Rev. D to Rev. E
Moved Using the AD5660 as an Isolated, Programmable, 4 mA
to 20 mA Process Controller Section........................................... 22
Moved Power Supply Bypassing and Grounding Section......... 23
Changes to Ordering Guide .......................................................... 25
3/10—Rev. C to Rev. D
Changes to Ordering Guide .......................................................... 24
10/09—Rev. B to Rev. C
Changes to Ordering Guide .......................................................... 23
5/06—Rev. A to Rev. B
Updated Formatted ............................................................Universal
Updated Temperature Range ............................................Universal
Changes to Table 2.............................................................................3
Changes to Table 5.............................................................................8
Replaced Figure 17, Figure 18, and Figure 19............................. 12
Changes to Ordering Guides .................................................. 23, 24
9/05—Rev. 0 to Rev. A
Changes to Specifications.................................................................5
Changes to Outline Dimensions .................................................. 23
7/05—Revision 0: Initial Version


유사한 부품 번호 - AD5660ARJ-1500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5660ARJ-1 AD-AD5660ARJ-1 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
More results

유사한 설명 - AD5660ARJ-1500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com