전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4111BRUZ-RL 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADF4111BRUZ-RL
상세설명  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4111BRUZ-RL 데이터시트(HTML) 3 Page - Analog Devices

  ADF4111BRUZ-RL Datasheet HTML 1Page - Analog Devices ADF4111BRUZ-RL Datasheet HTML 2Page - Analog Devices ADF4111BRUZ-RL Datasheet HTML 3Page - Analog Devices ADF4111BRUZ-RL Datasheet HTML 4Page - Analog Devices ADF4111BRUZ-RL Datasheet HTML 5Page - Analog Devices ADF4111BRUZ-RL Datasheet HTML 6Page - Analog Devices ADF4111BRUZ-RL Datasheet HTML 7Page - Analog Devices ADF4111BRUZ-RL Datasheet HTML 8Page - Analog Devices ADF4111BRUZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADF4110/ADF4111/ADF4112/ADF4113
Rev. F | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = 3 V ± 10%, 5 V ± 10%; AVDD ≤VP ≤ 6.0 V; AGND = DGND = CPGND = 0 V; RSET = 4.7 kΩ; dBm referred to 50 Ω;
TA = TMIN to TMAX, unless otherwise noted. Operating temperature range is as follows: B Version: −40°C to +85°C.
Table 1.
Parameter
B Version
B Chips1
Unit
Test Conditions/Comments
RF CHARACTERISTICS (3 V)
See
Figure 29 for input circuit.
RF Input Sensitivity
−15/0
−15/0
dBm min/max
RF Input Frequency
ADF4110
80/550
80/550
MHz min/max
For lower frequencies, ensure slew rate
(SR) > 30 V/µs.
ADF4110
50/550
50/550
MHz min/max
Input level = −10 dBm.
ADF4111
0.08/1.2
0.08/1.2
GHz min/max
For lower frequencies, ensure SR > 30 V/µs.
ADF4112
0.2/3.0
0.2/3.0
GHz min/max
For lower frequencies, ensure SR > 75 V/µs.
ADF4112
0.1/3.0
0.1/3.0
GHz min/max
Input level = −10 dBm.
ADF4113
0.2/3.7
0.2/3.7
GHz min/max
Input level = −10 dBm. For lower frequencies,
ensure SR > 130 V/µs.
Maximum Allowable Prescaler Output
Frequency2
165
165
MHz max
RF CHARACTERISTICS (5 V)
RF Input Sensitivity
−10/0
−10/0
dBm min/max
RF Input Frequency
ADF4110
80/550
80/550
MHz min/max
For lower frequencies, ensure SR > 50 V/µs.
ADF4111
0.08/1.4
0.08/1.4
GHz min/max
For lower frequencies, ensure SR > 50 V/µs.
ADF4112
0.1/3.0
0.1/3.0
GHz min/max
For lower frequencies, ensure SR > 75 V/µs.
ADF4113
0.2/3.7
0.2/3.7
GHz min/max
For lower frequencies, ensure SR > 130 V/µs.
ADF4113
0.2/4.0
0.2/4.0
GHz min/max
Input level = −5 dBm.
Maximum Allowable Prescaler Output
Frequency2
200
200
MHz max
REFIN CHARACTERISTICS
REFIN Input Frequency
5/104
5/104
MHz min/max
For f < 5 MHz, ensure SR > 100 V/µs.
Reference Input Sensitivity
0.4/AVDD
0.4/AVDD
V p-p min/max
AVDD = 3.3 V, biased at AVDD/2. See Note 3.
3.0/AVDD
3.0/AVDD
V p-p min/max
AVDD = 5 V, biased at AVDD/2. See Note 3.
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR FREQUENCY4
55
55
MHz max
CHARGE PUMP
ICP Sink/Source
Programmable (see
Table 9).
High Value
5
5
mA typ
With RSET = 4.7 kΩ.
Low Value
625
625
µA typ
Absolute Accuracy
2.5
2.5
% typ
With RSET = 4.7 kΩ.
RSET Range
2.7/10
2.7/10
kΩ typ
See
Table 9.
ICP 3-State Leakage Current
1
1
nA typ
Sink and Source Current Matching
2
2
% typ
0.5 V ≤ VCP ≤ VP – 0.5 V.
ICP vs. VCP
1.5
1.5
% typ
0.5 V ≤ VCP ≤ VP – 0.5 V.
ICP vs. Temperature
2
2
% typ
VCP = VP/2.
LOGIC INPUTS
VINH, Input High Voltage
0.8 × DVDD
0.8 × DVDD
V min
VINL, Input Low Voltage
0.2 × DVDD
0.2 × DVDD
V max
IINH/IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD – 0.4
DVDD – 0.4
V min
IOH = 500 µA.
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500 µA.


유사한 부품 번호 - ADF4111BRUZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4111BRUZ-RL AD-ADF4111BRUZ-RL Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4111BRUZ-RL7 AD-ADF4111BRUZ-RL7 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results

유사한 설명 - ADF4111BRUZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com