전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5660BRJZ-3500RL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5660BRJZ-3500RL7
상세설명  Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5660BRJZ-3500RL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5660BRJZ-3500RL7 Datasheet HTML 6Page - Analog Devices AD5660BRJZ-3500RL7 Datasheet HTML 7Page - Analog Devices AD5660BRJZ-3500RL7 Datasheet HTML 8Page - Analog Devices AD5660BRJZ-3500RL7 Datasheet HTML 9Page - Analog Devices AD5660BRJZ-3500RL7 Datasheet HTML 10Page - Analog Devices AD5660BRJZ-3500RL7 Datasheet HTML 11Page - Analog Devices AD5660BRJZ-3500RL7 Datasheet HTML 12Page - Analog Devices AD5660BRJZ-3500RL7 Datasheet HTML 13Page - Analog Devices AD5660BRJZ-3500RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5620/AD5640/AD5660
Rev. F | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
10
8
0
–10
–6
–8
–4
6
–2
4
2
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
Figure 5. INL—AD5660-2/AD5660-3
CODE
4
3
–4
–3
–2
2
–1
1
0
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
Figure 6. INL—AD5640-2/AD5640-3
CODE
1.0
0.8
0
–1.0
–0.8
–0.6
0.6
–0.4
–0.2
0.4
0.2
0
1000
500
2000
1500
3500
3000
2500
4000
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
Figure 7. INL—AD5620-2/AD6520-3
CODE
1.0
0.8
0
–1.0
–0.6
–0.8
–0.4
0.6
–0.2
0.4
0.2
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
Figure 8. DNL—AD5660-2/AD5660-3
CODE
0.5
0.4
0
–0.5
–0.3
–0.4
–0.2
0.3
–0.1
0.2
0.1
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
Figure 9. DNL—AD5640-2/AD5640-3
CODE
0.20
0.15
0
–0.20
–0.15
–0.10
0.10
–0.05
0.05
0
1000
500
2000
1500
3500
3000
2500
4000
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
Figure 10. DNL—AD5620-2/AD6520-3


유사한 부품 번호 - AD5660BRJZ-3500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5660BRJ-1 AD-AD5660BRJ-1 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
AD5660BRJ-2 AD-AD5660BRJ-2 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
AD5660BRJ-3 AD-AD5660BRJ-3 Datasheet
469Kb / 20P
   3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/째C Max On-Chip Reference in SOT-23
Rev. Pr J
More results

유사한 설명 - AD5660BRJZ-3500RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5660 AD-AD5660_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com