전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1715J 데이터시트(PDF) 3 Page - Texas Instruments

부품명 UC1715J
상세설명  Complementary Switch FET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC1715J 데이터시트(HTML) 3 Page - Texas Instruments

  UC1715J Datasheet HTML 1Page - Texas Instruments UC1715J Datasheet HTML 2Page - Texas Instruments UC1715J Datasheet HTML 3Page - Texas Instruments UC1715J Datasheet HTML 4Page - Texas Instruments UC1715J Datasheet HTML 5Page - Texas Instruments UC1715J Datasheet HTML 6Page - Texas Instruments UC1715J Datasheet HTML 7Page - Texas Instruments UC1715J Datasheet HTML 8Page - Texas Instruments UC1715J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
UC1714, UC1715, UC2714
UC2715, UC3714, UC3715
www.ti.com
SLUS170B – FEBRUARY 1999 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, VCC = 15 V, ENBL ≥ 2 V, RT1 = 100 kΩ from T1 to GND, RT2 = 100 kΩ from T2 to GND, and −55°C
< TA < 125°C for the UC1714 and UC1715, –40°C < TA < 85°C for the UC2714 and UC2715, and 0°C < TA < 70°C for the
UC3714 and UC3715, TA = TJ
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fall Time
CL = 1000 pF
30
60
ns
T2 Delay, PWR to AUX
INPUT falling edge, RT2 = 10 kΩ
(1)
20
50
80
ns
INPUT falling edge, RT2 = 100 kΩ
(1)
250
350
550
AUX Prop Delay
INPUT rising edge, 50%(2)
35
80
ns
Enable (ENBL)
Input Threshold
0.8
1.2
2
V
IIH
Input Current
ENBL = 15 V
1
10
µA
IIL
Input Current
ENBL = 0 V
–1
–10
µA
T1
Current Limit
T1 = 0 V
–1.6
–2
mA
Nominal Voltage at T1
2.7
3
3.3
V
Minimum T1 Delay
T1 = 2.5 V(1)
40
70
ns
T2
Current Limit
T2 = 0 V
–1.2
–2
mA
Nominal Voltage at T2
2.7
3
3.3
V
Minumum T2 Delay
T2 = 2.5 V(1)
50
100
ns
Input (INPUT)
Input Threshold
0.8
1.4
2
V
IIH
Input Current
INPUT = 15 V
1
10
µA
IIL
Input Current
INPUT = 0 V
–5
–20
µA
DEVICE INFORMATION
DIL-8, SOIC-8; J or N, D Packages
SOIC-16; DP Package
(TOP VIEW)
(TOP VIEW)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UC1714 UC1715 UC2714 UC2715 UC3714 UC3715


유사한 부품 번호 - UC1715J

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1715J TI1-UC1715J Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715J883B TI1-UC1715J883B Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
More results

유사한 설명 - UC1715J

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1714 TI1-UC1714_16 Datasheet
986Kb / 16P
[Old version datasheet]   Complementary Switch FET Drivers
UC1714 TI-UC1714 Datasheet
274Kb / 8P
[Old version datasheet]   Complementary Switch FET Drivers
UC1715-SP TI-UC1715-SP_15 Datasheet
329Kb / 14P
[Old version datasheet]   COMPLIMENTARY SWITCH FET DRIVERS
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
   Radiation Hardened Complementary Switch FET Driver
logo
National Semiconductor ...
NB311 NSC-NB311 Datasheet
137Kb / 4P
   1.5Amp complementary power drivers
logo
TRINAMIC Motion Control...
TMC32NP TRINAMIC-TMC32NP Datasheet
364Kb / 1P
   Complementary 30V MOS FET
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025_15 Datasheet
249Kb / 16P
   Complementary intermediate level FET
Rev. 04-17 March 2011
logo
Motorola, Inc
MTDF1C02HD MOTOROLA-MTDF1C02HD Datasheet
276Kb / 14P
   COMPLEMENTARY DUAL TMOS POWER FET
logo
Micro Electronics
BCI84 MICRO-ELECTRONICS-BCI84 Datasheet
154Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com