전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMB2222A 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FMB2222A
상세설명  NPN Multi-Chip General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB2222A 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FMB2222A Datasheet HTML 1Page - Fairchild Semiconductor FMB2222A Datasheet HTML 2Page - Fairchild Semiconductor FMB2222A Datasheet HTML 3Page - Fairchild Semiconductor FMB2222A Datasheet HTML 4Page - Fairchild Semiconductor FMB2222A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 20 mA, VCE = 20 V,
f = 100 MHz
300
MHz
Cobo
Output Capacitance
VCB = 10 V, IE = 0, f = 100 kHz
4.0
pF
Cibo
Input Capacitance
VEB = 0.5 V, IC = 0, f = 100 kHz
20
pF
NF
Noise Figure
IC = 100
µA, VCE = 10 V,
RS = 1.0 k
Ω, f = 1.0 kHz
2.0
dB
SWITCHING CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
IC = 10 mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, IE = 0
75
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, IC = 0
6.0
V
ICEX
Collector Cutoff Current
VCE = 60 V, VEB(OFF) = 3.0 V
10
nA
ICBO
Collector Cutoff Current
VCB = 60 V, IE = 0
VCB = 60 V, IE = 0, TA = 125
°C
0.01
10
µA
µA
IEBO
Emitter Cutoff Current
VEB = 3.0 V, IC = 0
10
nA
IBL
Base Cutoff Current
VCE = 60 V, VEB(OFF) = 3.0 V
20
nA
hFE
DC Current Gain
IC = 0.1 mA, VCE = 10 V
IC = 1.0 mA, VCE = 10 V
IC = 10 mA, VCE = 10 V
IC= 10 mA,VCE= 10 V,TA= -55
°C
IC = 150 mA, VCE = 10 V*
IC = 150 mA, VCE = 1.0 V*
IC = 500 mA, VCE = 10 V*
35
50
75
35
100
50
40
300
VCE(sat)
Collector-Emitter Saturation Voltage*
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.3
1.0
V
V
VBE(sat)
Base-Emitter Saturation Voltage*
IC = 150 mA, IB = 1.0 mA
IC = 500 mA, IB = 50 mA
0.6
1.2
2.0
V
V
td
Delay Time
VCC = 30 V, VBE(OFF) = 0.5 V,
8
ns
tr
Rise Time
IC = 150 mA, IB1 = 15 mA
20
ns
ts
Storage Time
VCC = 30 V, IC = 150 mA,
180
ns
tf
Fall Time
IB1 = IB2 = 15 mA
40
ns
NPN Multi-Chip General Purpose Amplifier
(continued)


유사한 부품 번호 - FMB2222A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMB2222A FAIRCHILD-FMB2222A Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results

유사한 설명 - FMB2222A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
FFB3904 FAIRCHILD-FFB3904_1 Datasheet
99Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
BC847S FAIRCHILD-BC847S Datasheet
51Kb / 5P
   NPN Multi-Chip General Purpose Amplifier
FMBA06 FAIRCHILD-FMBA06 Datasheet
53Kb / 4P
   NPN Multi-Chip General Purpose Amplifier
logo
Guangdong Kexin Industr...
KC847S KEXIN-KC847S Datasheet
42Kb / 1P
   NPN Multi-Chip General Purpose Amplifier
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A_1 Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com