전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMB2907A 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FMB2907A
상세설명  PNP Multi-Chip General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB2907A 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FMB2907A Datasheet HTML 1Page - Fairchild Semiconductor FMB2907A Datasheet HTML 2Page - Fairchild Semiconductor FMB2907A Datasheet HTML 3Page - Fairchild Semiconductor FMB2907A Datasheet HTML 4Page - Fairchild Semiconductor FMB2907A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Characteristics (continued)
Switching Times
vs Collector Current
10
100
1000
0
50
100
150
200
250
I
- COLLECTOR CURRENT (mA)
I
= I
=
t r
t s
B1
C
B2
I c
10
V
= 15 V
cc
t f
t d
Turn On and Turn Off Times
vs Collector Current
10
100
1000
0
100
200
300
400
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
t on
t off
B1
C
B2
I c
10
V
= 15 V
cc
Rise Time vs Collector
and Turn On Base Currents
10
100
500
1
2
5
10
20
50
I
- COLLECTOR CURRENT (mA)
30 ns
C
t
= 15 V
r
60 ns
PNP Multi-Chip General Purpose Amplifier
(continued)
Power Dissipation vs
Ambient Temperature
0
255075
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-6


유사한 부품 번호 - FMB2907A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMB2907A FAIRCHILD-FMB2907A Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
More results

유사한 설명 - FMB2907A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMB200 FAIRCHILD-FMB200 Datasheet
50Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
BC857S FAIRCHILD-BC857S Datasheet
51Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FFB3906 FAIRCHILD-FFB3906 Datasheet
81Kb / 6P
   PNP Multi-Chip General Purpose Amplifier
FFB2907A FAIRCHILD-FFB2907A_1 Datasheet
90Kb / 7P
   PNP Multi-Chip General Purpose Amplifier
FMBA56 FAIRCHILD-FMBA56 Datasheet
42Kb / 4P
   PNP Multi-Chip General Purpose Amplifier
FJYF2906 FAIRCHILD-FJYF2906 Datasheet
141Kb / 5P
   PNP Multi-Chip General Purpose Amplifier
FMB100 FAIRCHILD-FMB100 Datasheet
44Kb / 3P
   NPN Multi-Chip General Purpose Amplifier
logo
ON Semiconductor
FMBA06 ONSEMI-FMBA06 Datasheet
161Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
1998
logo
Fairchild Semiconductor
BC847BS FAIRCHILD-BC847BS Datasheet
199Kb / 3P
   NPN Multi-chip General Purpose Amplifier
FFB2222A FAIRCHILD-FFB2222A_1 Datasheet
88Kb / 7P
   NPN Multi-Chip General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com