전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3610DWG4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 UC3610DWG4
상세설명  DUAL SCHOTTKY DIODE BRIDGE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC3610DWG4 데이터시트(HTML) 2 Page - Texas Instruments

  UC3610DWG4 Datasheet HTML 1Page - Texas Instruments UC3610DWG4 Datasheet HTML 2Page - Texas Instruments UC3610DWG4 Datasheet HTML 3Page - Texas Instruments UC3610DWG4 Datasheet HTML 4Page - Texas Instruments UC3610DWG4 Datasheet HTML 5Page - Texas Instruments UC3610DWG4 Datasheet HTML 6Page - Texas Instruments UC3610DWG4 Datasheet HTML 7Page - Texas Instruments UC3610DWG4 Datasheet HTML 8Page - Texas Instruments UC3610DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UC1610
UC3610
SLUS339B − JUNE 1993 − REVISED DECEMBER 2004
2
www.ti.com
N OR J PACKAGE
TOP VIEW
DW PACKAGE
TOP VIEW
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†}
Peak inverse voltage (per diode)
50 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak forward current
UC1611
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
UC2610
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
UC3611
3 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation at TA = 70°C
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 seconds)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Consult packaging section of databook for thermal limitations and considerations of package.
electrical characteristics, all specifications apply to each individual diode, TJ = 25°C, TA = TJ,
(except as noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Forward voltage drop
IF = 100 mA
0.35
0.5
0.7
V
Forward voltage drop
IF = 1 A
0.8
1.0
1.3
V
Leakage current
VR = 40 V
0.01
0.1
mA
Leakage current
VR = 40 V,
TJ = 100°C
0.1
1.0
mA
Reverse recovery
0.5 A forward to 0.5 A reverse
15
ns
Forward recovery
1 A forward to 1.1 V recovery
30
ns
Junction capacitance
VR = 5 V
70
pF
NOTE: At forward currents of greater than 1.0 A, a parasitic current of approximately 10 mA may be collected by adjacent diodes.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


유사한 부품 번호 - UC3610DWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3610 TI-UC3610 Datasheet
162Kb / 3P
[Old version datasheet]   Dual Schottky Diode Bridge
More results

유사한 설명 - UC3610DWG4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210_08 Datasheet
146Kb / 8P
   Dual Schottky diode bridge
L6210 STMICROELECTRONICS-L6210 Datasheet
99Kb / 5P
   DUAL SCHOTTKY DIODE BRIDGE
logo
Texas Instruments
UC1610 TI-UC1610 Datasheet
162Kb / 3P
[Old version datasheet]   Dual Schottky Diode Bridge
UC3612 TI-UC3612 Datasheet
84Kb / 3P
[Old version datasheet]   Dual Schottky Diode
logo
Allegro MicroSystems
8920 ALLEGRO-8920 Datasheet
39Kb / 2P
   DUAL SCHOTTKY DIODE
logo
ON Semiconductor
1SS383T1G ONSEMI-1SS383T1G Datasheet
43Kb / 2P
   Dual Schottky Diode
March, 2006 ??Rev. 2
logo
Texas Instruments
UA1612 TI1-UA1612 Datasheet
103Kb / 4P
[Old version datasheet]   Dual Schottky Diode
logo
Thinki Semiconductor Co...
MBRF20100CTR THINKISEMI-MBRF20100CTR Datasheet
317Kb / 2P
   20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
SDB20100PR THINKISEMI-SDB20100PR Datasheet
427Kb / 2P
   20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
logo
Guangdong Kexin Industr...
BAT14-099 KEXIN-BAT14-099 Datasheet
36Kb / 1P
   Silicon Dual Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com