전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFPF05U60S 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FFPF05U60S
상세설명  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF05U60S 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FFPF05U60S Datasheet HTML 1Page - Fairchild Semiconductor FFPF05U60S Datasheet HTML 2Page - Fairchild Semiconductor FFPF05U60S Datasheet HTML 3Page - Fairchild Semiconductor FFPF05U60S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
C = 25
o
C
T
C = 100
oC
Forward Voltage , V
F [V]
0.1
1
10
100
25
50
Typical Capacitance
at 0V = 30 pF
Reverse Voltage , V
R
[V]
100
500
0
1
2
3
4
5
6
7
8
9
10
I
F = 5A
T
C = 25
o
C
di/dt [A/
µs]
100
200
300
400
500
600
1E-4
1E-3
0.01
0.1
1
10
100
T
C = 100
oC
T
C = 25
oC
Reverse Voltage , V
R [V]
100
500
30
40
50
60
70
80
90
I
F = 5A
T
C = 25
o
C
di/dt [A/
µs]
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
Case Temperature , T
C [
o
C]


유사한 부품 번호 - FFPF05U60S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF05U60S FAIRCHILD-FFPF05U60S Datasheet
78Kb / 4P
   High voltage and high reliability
FFPF05U60STTU FAIRCHILD-FFPF05U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
More results

유사한 설명 - FFPF05U60S

제조업체부품명데이터시트상세설명
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF1A600H KODENSHI-SF1A600H Datasheet
246Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A600H KODENSHI-SF3A600H Datasheet
244Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A400H-1 KODENSHI-SF3A400H-1 Datasheet
266Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com