전자부품 데이터시트 검색엔진 |
|
BA12001B 데이터시트(PDF) 2 Page - Rohm |
|
BA12001B 데이터시트(HTML) 2 Page - Rohm |
2 / 7 page BA12001B / BA12003B / BA12003BF / BA12004B Standard ICs ! ! ! ! Internal circuit configuration IN COM OUT GND 3k Ω 7.2k Ω Fig.1 BA12001B IN COM OUT GND 3k Ω 7.2k Ω 2.7k Ω Fig.2 BA12003B / BF IN COM OUT GND 3k Ω 7.2k Ω 10.5k Ω Fig.3 BA12004B ! ! ! ! Absolute maximum ratings (Ta=25 °C) Parameter Symbol Limits Unit VCE 60 V Input voltage Input current VIN −0.5∼+30 V other than BA12001B BA12001B DIP package SOP package IIN 25 Output current IOUT 500 Ground pin current IGND 2.3∗1 A Power dissipation Pd 1250∗2 625∗3 mW Diode reverse voltage VR 60 V Diode forward current IF 500 mA Operating temperature Topr −25∼+75 ˚C Storage temperature Tstg −55∼+150 ˚C mA / unit mA / unit Power supply voltage ∗1 Pulse width ≤ 20ms, duty cycle ≤ 10%, same current for all 7 circuits ∗2 Reduced by 10mW for each increase in Ta of 1˚C over 25˚C . ∗3 Reduced by 50mW for each increase in Ta of 1˚C over 25˚C . ! ! ! ! Recommended operating conditions (Ta=25 °C) Parameter Symbol Min. Typ. Max. Unit Conditions Output current IOUT −− 350 mA Fig.9, 10 Power supply voltage VCE −− 55 V − Input voltage (excluding BA12001B) VIN −− 30 V − Input current (BA12001B only) IIN −− 25 − mA / unit |
유사한 부품 번호 - BA12001B |
|
유사한 설명 - BA12001B |