전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD37A19FVM 데이터시트(PDF) 10 Page - Rohm

부품명 BD37A19FVM
상세설명  Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD37A19FVM 데이터시트(HTML) 10 Page - Rohm

Back Button BD37A19FVM Datasheet HTML 6Page - Rohm BD37A19FVM Datasheet HTML 7Page - Rohm BD37A19FVM Datasheet HTML 8Page - Rohm BD37A19FVM Datasheet HTML 9Page - Rohm BD37A19FVM Datasheet HTML 10Page - Rohm BD37A19FVM Datasheet HTML 11Page - Rohm BD37A19FVM Datasheet HTML 12Page - Rohm BD37A19FVM Datasheet HTML 13Page - Rohm BD37A19FVM Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10/15
BD37Axx Series
BD87Axx Series
BD99A41F
Datasheet
TSZ02201-0T2T0AN00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
25.Apr.2013 Rev.002
www.rohm.com
TSZ22111・15・001
●External settings for pins and precautions
1) Connect a capacitor (0.001 µF to 1,000 µF) between the VDD and GND pins when the power line impedance is high. Use
of the IC when the power line impedance is high may result in oscillation.
2) External capacitance
A capacitor must be connected to the CTW pin. When using a large capacitor such as 1 µF, the INH pin must allow a
CTW discharge time of at least 2 ms. The power-on reset time is given by equation [1] on page 8. The WDT time is given
by equations [2] and [3] on page 8. The setting times are proportional to the capacitance value from the equations, so the
maximum and minimum setting times can be calculated from the electrical characteristics according to the capacitance.
Note however that the electrical characteristics do not include the external capacitor's temperature characteristics.
●Operational Notes
1) Absolute maximum ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can
break down the devices, thus making impossible to identify breaking mode, such as a short circuit or an open circuit. If
any over rated values will expect to exceed the absolute maximum ratings, consider adding circuit protection devices,
such as fuses.
2) GND voltage
The potential of GND pin must be minimum potential in all operating conditions.
3) Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual operating
conditions.
4) Inter-pin shorts and mounting errors
Use caution when positioning the IC for mounting on printed circuit boards. The IC may be damaged if there is any
connection error or if pins are shorted together.
5) Actions in strong electromagnetic field
Use caution when using the IC in the presence of a strong electromagnetic field as doing so may cause the IC to
malfunction.
6) Testing on application boards
When testing the IC on an application board, connecting a capacitor to a pin with low impedance subjects the IC to stress.
Always discharge capacitors after each process or step. Always turn the IC's power supply off before connecting it to or
removing it from a jig or fixture during the inspection process. Ground the IC during assembly steps as an antistatic
measure. Use similar precaution when transporting or storing the IC.
7) Regarding input pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them isolated.
P-N junctions are formed at the intersection of these P layers with the N layers of other elements, creating a parasitic
diode or transistor. For example, the relation between each potential is as follows:
○When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
○When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes can occur inevitable in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits, operational faults, or physical damage. Accordingly, methods by which parasitic diodes
operate, such as applying a voltage that is lower than the GND (P substrate) voltage to an input pin, should not be used.
GND
N
P
N
N
P+
P+
Parasitic element
or transistor
P substrate
(Pin B)
C
B
E
Transistor (NPN)
Parasitic element
(Pin A)
GND
N
P
N
N
P+
P+
Resistor
P
Parasitic element
(Pin A)
Parasitic element or
transistor
(Pin B)
GND
C
B
E
Figure 18. Example of IC structure


유사한 부품 번호 - BD37A19FVM

제조업체부품명데이터시트상세설명
logo
Rohm
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
More results

유사한 설명 - BD37A19FVM

제조업체부품명데이터시트상세설명
logo
Rohm
BD37A19FVM-TR ROHM-BD37A19FVM-TR Datasheet
1Mb / 19P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_10 Datasheet
468Kb / 11P
   Voltage Detector ICs with Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
logo
Megawin Technology Co.,...
MG65L513A MEGAWIN-MG65L513A Datasheet
551Kb / 30P
   Watchdog timer built-in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com