전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD1754HFN 데이터시트(PDF) 1 Page - Rohm

부품명 BD1754HFN
상세설명  Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD1754HFN 데이터시트(HTML) 1 Page - Rohm

  BD1754HFN_12 Datasheet HTML 1Page - Rohm BD1754HFN_12 Datasheet HTML 2Page - Rohm BD1754HFN_12 Datasheet HTML 3Page - Rohm BD1754HFN_12 Datasheet HTML 4Page - Rohm BD1754HFN_12 Datasheet HTML 5Page - Rohm BD1754HFN_12 Datasheet HTML 6Page - Rohm BD1754HFN_12 Datasheet HTML 7Page - Rohm BD1754HFN_12 Datasheet HTML 8Page - Rohm BD1754HFN_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
1/16
TSZ02201-0G3G0C200060-1-2
9.NOV.2012 Rev.001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
Datasheet
Constant Current LED Driver
with 64 Dimming Steps for up to 4 LEDs
BD1754HFN
●General Description
The multi-level brightness control LED works as a
constant current driver in 64 steps, so that the driving
current can be adjusted finely. BD1754HFN is best
suited to turn on LEDs that require high-accuracy LED
brightness control.
●Features
 Current regulation for LED up to 4 parallels
 Adjustable constant current 64 steps
 High accuracy and matching of each current
channel (0.5% Typ.)
 Brightness control via a single-line digital control
interface (Uni-Port Interface Control = UPIC)
●Applications
This driver can be used in various fields such as
mobile phones, portable game machines and etc.
●Typical Application Circuit
●Key Specification
 Operating power supply voltage range: 2.7V to 5.5V
 Quiescent Current:
0.1
μA (Typ.)
 Operating temperature range:
-30°C to +85°C
●Package W(Typ.) x D(Typ.) x H(Max.)
Figure 2. Application Circuit
HSON8
2.90mm x 3.00mm x 0.60mm
Figure 1. HSON8
BD1754HFN
VIN
ISET
GND
EN
L4
L3
L2
L1
Power Supply
0.1µF
120k
(When ILED-max =32mA)
Cin
RISET


유사한 부품 번호 - BD1754HFN_12

제조업체부품명데이터시트상세설명
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results

유사한 설명 - BD1754HFN_12

제조업체부품명데이터시트상세설명
logo
Rohm
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
   HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4002B ONSEMI-CAT4002B Datasheet
183Kb / 11P
   Constant Current Programmable LED Driver with 32 Dimming Levels
January, 2010 ??Rev. 2
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Phihong USA Inc.
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com