전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD15KA5FP-E2 데이터시트(PDF) 2 Page - Rohm

부품명 BD15KA5FP-E2
상세설명  500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD15KA5FP-E2 데이터시트(HTML) 2 Page - Rohm

  BD15KA5FP-E2 Datasheet HTML 1Page - Rohm BD15KA5FP-E2 Datasheet HTML 2Page - Rohm BD15KA5FP-E2 Datasheet HTML 3Page - Rohm BD15KA5FP-E2 Datasheet HTML 4Page - Rohm BD15KA5FP-E2 Datasheet HTML 5Page - Rohm BD15KA5FP-E2 Datasheet HTML 6Page - Rohm BD15KA5FP-E2 Datasheet HTML 7Page - Rohm BD15KA5FP-E2 Datasheet HTML 8Page - Rohm BD15KA5FP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Datasheet
2/15
BDxxKA5 Series
BDxxKA5W Series
BD00KA5W Series
TSZ02201-0R6R0A600150-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
26.Jun.2012 Rev.001
●Lineup
Maximum output
current (Max.)
Shutdown
Switch
Package
Output
voltage (Typ.)
Orderable
Part Number
500mA
With Switch
TO252-5
Reel of 2000
1.0V
BD10KA5WFP-E2
1.2V
BD12KA5WFP-E2
1.5V
BD15KA5WFP-E2
1.8V
BD18KA5WFP-E2
2.5V
BD25KA5WFP-E2
3.0V
BD30KA5WFP-E2
3.3V
BD33KA5WFP-E2
Variable
BD00KA5WFP-E2
SOP8
Reel of 2500
1.0V
BD10KA5WF-E2
1.2V
BD12KA5WF-E2
1.5V
BD15KA5WF-E2
1.8V
BD18KA5WF-E2
2.5V
BD25KA5WF-E2
3.0V
BD30KA5WF-E2
3.3V
BD33KA5WF-E2
Variable
BD00KA5WF-E2
No Switch
TO252-3
Reel of 2000
1.0V
BD10KA5FP-E2
1.2V
BD12KA5FP-E2
1.5V
BD15KA5FP-E2
1.8V
BD18KA5FP-E2
2.5V
BD25KA5FP-E2
3.0V
BD30KA5FP-E2
3.3V
BD33KA5FP-E2


유사한 부품 번호 - BD15KA5FP-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BD15KA5FP-E2 ROHM-BD15KA5FP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

유사한 설명 - BD15KA5FP-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00HA5WEFJ ROHM-BD00HA5WEFJ_13 Datasheet
507Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BD00IA5WEFJ ROHM-BD00IA5WEFJ Datasheet
479Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D33A-E6T2U SII-S-1142D33A-E6T2U Datasheet
1Mb / 31P
   Built-in thermal shutdown circuit
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com