전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGW40N120KD 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STGW40N120KD
상세설명  40 A, 1200 V short circuit rugged IGBT with Ultrafast diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW40N120KD 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STGW40N120KD Datasheet HTML 2Page - STMicroelectronics STGW40N120KD Datasheet HTML 3Page - STMicroelectronics STGW40N120KD Datasheet HTML 4Page - STMicroelectronics STGW40N120KD Datasheet HTML 5Page - STMicroelectronics STGW40N120KD Datasheet HTML 6Page - STMicroelectronics STGW40N120KD Datasheet HTML 7Page - STMicroelectronics STGW40N120KD Datasheet HTML 8Page - STMicroelectronics STGW40N120KD Datasheet HTML 9Page - STMicroelectronics STGW40N120KD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STGW40N120KD, STGWA40N120KD
6/15
Doc ID 15360 Rev 5
2.1
Electrical characteristics (curves)
Figure 2.
Output characteristics
Figure 3.
Transfer characteristics
Figure 4.
Collector-emitter on voltage vs.
collector current
Figure 5.
Collector-emitter on voltage vs.
temperature
Figure 6.
Gate charge vs. gate-source
voltage
Figure 7.
Capacitance variations
IC
90
60
30
0
0
10
VCE(V)
20
(A)
5
15
120
150
12V
13V
14V
VGE=15V
180
210
11V
10V
9V
8V
AM11219v1
IC
150
100
50
0
0
4
VGE(V)
8
(A)
2
6
10
12
14
VCE=10V
AM11220v1
VCE(sat)
2.1
1.7
1.3
0.9
0
20
IC(A)
(V)
10
30
2.5
25°C
T
J=125°C
-50°C
40
2.9
AM11221v1
VCE(sat)
2.9
2.1
1.7
-50
50
TJ(°C)
(V)
0
100
3.3
30A
50A
10A
2.5
IC=
AM11222v1
VGE
6
4
2
0
0
20
Qg(nC)
(V)
80
8
40
60
10
VCC=960V
IC=30A
100
12
14
16
120 140
AM11223v1
C
1500
1000
500
0
0
20
VCE(V)
(pF)
10
2000
30
Cies
Coes
Cres
40
3000
2500
3500
4000
AM11224v1


유사한 부품 번호 - STGW40N120KD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
   600 V, 40 A short-circuit rugged IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
319Kb / 9P
   N-CHANNEL 50A - 600V TO-247 Hyper Fast PowerMESH??IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW40NC60V STMICROELECTRONICS-STGW40NC60V_04 Datasheet
279Kb / 10P
   N-CHANNEL 50A - 600V - TO-247 Very Fast PowerMESH IGBT
STGW40NC60W STMICROELECTRONICS-STGW40NC60W Datasheet
338Kb / 13P
   40 A - 600 V - ultra fast IGBT
July 2008 Rev 1
More results

유사한 설명 - STGW40N120KD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGW30N120KD STMICROELECTRONICS-STGW30N120KD_V01 Datasheet
423Kb / 15P
   30 A, 1200 V short circuit rugged IGBT with Ultrafast diode
February 2012
STGW30N120KD STMICROELECTRONICS-STGW30N120KD Datasheet
359Kb / 13P
   30 A - 1200 V - short circuit rugged IGBT
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
   600 V, 40 A short-circuit rugged IGBT
STGD10HF60KD STMICROELECTRONICS-STGD10HF60KD Datasheet
760Kb / 21P
   Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
logo
Infineon Technologies A...
IGQ100N120S7 INFINEON-IGQ100N120S7 Datasheet
1Mb / 14P
   Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology
Revision 1.10 2023-01-23
IKW15N120CS7 INFINEON-IKW15N120CS7 Datasheet
1Mb / 16P
   Short circuit rugged 1200 V TRENCHSTOP™ IGBT 7 technology
1.00 2021-03-17
logo
STMicroelectronics
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
   600 V - 8 A - short circuit rugged IGBT
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
   20 A - 600 V - short circuit rugged IGBT
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
   30 A - 600 V - short circuit rugged IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
   14 A, 600 V - short-circuit rugged IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com