전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FGB30N6S2D 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FGB30N6S2D
상세설명  600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB30N6S2D 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FGB30N6S2D Datasheet HTML 2Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 3Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 4Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 5Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 6Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 7Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 8Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 9Page - Fairchild Semiconductor FGB30N6S2D Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
FGH30N6S2D / FGP30N6S2D / FGB30NS2D Rev. A
Figure 19. Diode Forward Current vs Forward
Voltage Drop
Figure 20. Recovery Times vs Forward Current
Figure 21. Recovery Times vs Rate of Change of
Current
Figure 22. Stored Charge vs Rate of Change of
Current
Figure 23. Reverse Recovery Softness Factor vs
Rate of Change of Current
Figure 24. Maximum Reverse Recovery Current vs
Rate of Change of Current
Typical Performance Curves (Continued)
0.5
1.0
1.5
2.5
VEC, FORWARD VOLTAGE (V)
02.0
0
8
12
16
25oC
125oC
4
24
20
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%,
3.0
100
50
0
IEC, FORWARD CURRENT (A)
212
10
125
75
25
68
150
200
25oC trr
25oC ta
25oC tb
125oC tb
125oC ta
dIEC/dt = 200A/µs, VCE = 390V
125oC trr
4
175
125oC ta
125oC tb
25oC ta
25oC tb
IEC = 12A, VCE = 390V
300
400
500
700
800
dIEC/dt, RATE OF CHANGE OF CURRENT (A/ms)
200
600
50
0
75
100
125
150
175
900
1000
25
250
150
50
0
dIEC/dt, RATE OF CHANGE OF CURRENT (A/µs)
1000
500
300
200
100
200
300
400
900
600
700
800
125oC, IEC = 12A
125oC, IEC = 6A
25oC, IEC = 6A
25oC, IEC = 12A
VCE = 390V
dIEC/dt, CURRENT RATE OF CHANGE (A/µs)
3.0
6.0
5.5
7.0
6.5
VCE = 390V, TJ = 125°C
IEC = 12A
IEC = 6A
700
1000
900
400
200
500
600
800
300
4.0
3.5
5.0
4.5
dIEC/dt, CURRENT RATE OF CHANGE (A/µs)
3
7
6
10
8
VCE = 390V, TJ = 125°C
IEC = 12A
IEC = 6A
700
1000
900
400
200
500
600
800
300
5
4
9


유사한 부품 번호 - FGB30N6S2D

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FGB30N6S2D FAIRCHILD-FGB30N6S2D Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

유사한 설명 - FGB30N6S2D

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com