전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1002 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FIN1002
상세설명  LVDS 1-Bit High Speed Differential Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1002 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FIN1002 Datasheet HTML 1Page - Fairchild Semiconductor FIN1002 Datasheet HTML 2Page - Fairchild Semiconductor FIN1002 Datasheet HTML 3Page - Fairchild Semiconductor FIN1002 Datasheet HTML 4Page - Fairchild Semiconductor FIN1002 Datasheet HTML 5Page - Fairchild Semiconductor FIN1002 Datasheet HTML 6Page - Fairchild Semiconductor FIN1002 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500730
www.fairchildsemi.com
February 2002
Revised February 2002
FIN1002
LVDS 1-Bit High Speed Differential Receiver
General Description
This single receiver is designed for high speed intercon-
nects utilizing Low Voltage Differential Signaling (LVDS)
technology. The receiver translates LVDS levels, with a typ-
ical differential input threshold of 100 mV, to LVTTL signal
levels. LVDS provides low EMI at ultra low power dissipa-
tion even at high frequencies. This device is ideal for high
speed transfer of clock or data.
The FIN1002 can be paired with its companion driver, the
FIN1001, or with any other LVDS driver.
Features
s Greater than 400Mbs data rate
s 3.3V power supply operation
s 0.4ns maximum pulse skew
s 2.5ns maximum propagation delay
s Bus pin ESD (HBM) protection exceeds 10kV
s Power-Off over voltage tolerant input and output
s Fail safe protection for open-circuit and non-driven,
shorted or terminated conditions
s High impedance output at VCC < 1.5V
s Meets or exceeds the TIA/EIA-644 LVDS standard
s 5-Lead SOT23 package saves space
Ordering Code:
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Fail Safe
= Open, Shorted, Terminated
Connection Diagram
Pin Assignment for SOT package
Top View
Order Number
Package Number
Package Description
FIN1002M5
MA05B
5-Lead SOT23, JEDEC MO-178, 1.6mm [250 Units on Tape and Reel]
FIN1002M5X
MA05B
5-Lead SOT23, JEDEC MO-178, 1.6mm [3000 Units on Tape and Reel]
Pin Name
Description
ROUT
LVTTL Data Output
RIN+
Non-inverting Driver Input
RIN−
Inverting Driver Input
VCC
Power Supply
GND
Ground
NC
No Connect
Input
Outputs
RIN+
RIN−
ROUT
LH
L
HL
H
Fail Safe Condition
H


유사한 부품 번호 - FIN1002

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
FIN1002M5 ONSEMI-FIN1002M5 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
FIN1002M5X ONSEMI-FIN1002M5X Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
More results

유사한 설명 - FIN1002

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
logo
Fairchild Semiconductor
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
FIN1532MX FAIRCHILD-FIN1532MX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com