전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1022M 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FIN1022M
상세설명  2 X 2 LVDS High Speed Crosspoint Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1022M 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FIN1022M Datasheet HTML 1Page - Fairchild Semiconductor FIN1022M Datasheet HTML 2Page - Fairchild Semiconductor FIN1022M Datasheet HTML 3Page - Fairchild Semiconductor FIN1022M Datasheet HTML 4Page - Fairchild Semiconductor FIN1022M Datasheet HTML 5Page - Fairchild Semiconductor FIN1022M Datasheet HTML 6Page - Fairchild Semiconductor FIN1022M Datasheet HTML 7Page - Fairchild Semiconductor FIN1022M Datasheet HTML 8Page - Fairchild Semiconductor FIN1022M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500653
www.fairchildsemi.com
September 2001
Revised December 2001
FIN1022
2 X 2 LVDS High Speed Crosspoint Switch
General Description
This non-blocking 2x2 crosspoint switch has a fully differ-
ential input to output data path for low noise generation and
low pulse width distortion. The device can be used as a
high speed crosspoint switch, 2:1 multiplexer, 1:2 demulti-
plexer or 1:2 signal splitter. The inputs can directly interface
with LVDS and LVPECL levels.
Features
s Low jitter, 800 Mbps full differential data path
s Worst case jitter of 190ps
with PRBS
= 223 − 1 data pattern at 800 Mbps
s Rail-to-rail common mode range is 0.5V to 3.25V
s Worst case power dissipation is less than 126 mW
s Open-circuit fail safe protection
s Fast switch time of 1.1 ns typical
s 35 ps typical pin channel to channel skew
s 3.3V power supply operation
s Non-blocking switch
s LVDS receiver inputs accept LVPECL signals directly
s 7.5 kV HBM ESD protection
s 16-lead SOIC package and TSSOP package
s Inter-operates with TIA/EIA 644-1995 specification
s See the Fairchild Interface Solutions web page for cross
reference information:
www.fairchildsemi.com/products/interface/lvds.html
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package Number
Package Description
FIN1022M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1022MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


유사한 부품 번호 - FIN1022M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025MTC FAIRCHILD-FIN1025MTC Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026MTC FAIRCHILD-FIN1026MTC Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results

유사한 설명 - FIN1022M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com