전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1032M 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FIN1032M
상세설명  3.3V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1032M 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FIN1032M Datasheet HTML 1Page - Fairchild Semiconductor FIN1032M Datasheet HTML 2Page - Fairchild Semiconductor FIN1032M Datasheet HTML 3Page - Fairchild Semiconductor FIN1032M Datasheet HTML 4Page - Fairchild Semiconductor FIN1032M Datasheet HTML 5Page - Fairchild Semiconductor FIN1032M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500508
www.fairchildsemi.com
August 2001
Revised December 2001
FIN1032
3.3V LVDS 4-Bit High Speed Differential Receiver
General Description
This quad receiver is designed for high speed interconnect
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The receiver translates LVDS levels, with a typical dif-
ferential input threshold of 100mV, to LVTTL signal levels.
LVDS provides low EMI at ultra low power dissipation even
at high frequencies. This device is ideal for high speed
transfer of clock and data.
The FIN1032 can be paired with its companion driver, the
FIN1031, or any other Fairchild LVDS driver.
Features
s Greater than 400Mbs data rate
s 3.3V power supply operation
s 0.4ns maximum differential pulse skew
s 2.5ns maximum propagation delay
s Low power dissipation
s Power OFF protection
s Fail safe protection for open-circuit, shorted and termi-
nated conditions
s Meets or exceeds the TIA/EIA-644 LVDS standard
s Pin compatible with equivalent RS-422 and LVPECL
devices
s 16-Lead SOIC and TSSOP packages save space
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Fail Safe
= Open, Shorted, Terminated
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
FIN1032M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1032MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Inputs
Outputs
EN
EN
RIN+
ROUT−
ROUT
HX
H
L
H
HX
L
H
L
H
X
Fail Safe Condition
H
XL
H
L
H
XL
L
H
L
X
L
Fail Safe Condition
H
LH
X
Z
Pin Name
Description
ROUT1, ROUT2, ROUT3, ROUT4
LVTTL Data Outputs
RIN1+, RIN2+, RIN3+, RIN4+
Non-Inverting LVDS Inputs
RIN1−, RIN2−, RIN3−, RIN4−
Inverting LVDS Inputs
EN
Driver Enable Pin
EN
Inverting Driver Enable Pin
VCC
Power Supply
GND
Ground


유사한 부품 번호 - FIN1032M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FIN1032M ONSEMI-FIN1032M Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1032MTC ONSEMI-FIN1032MTC Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
More results

유사한 설명 - FIN1032M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com