전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1101K8X 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FIN1101K8X
상세설명  LVDS Single Port High Speed Repeater
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1101K8X 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FIN1101K8X Datasheet HTML 1Page - Fairchild Semiconductor FIN1101K8X Datasheet HTML 2Page - Fairchild Semiconductor FIN1101K8X Datasheet HTML 3Page - Fairchild Semiconductor FIN1101K8X Datasheet HTML 4Page - Fairchild Semiconductor FIN1101K8X Datasheet HTML 5Page - Fairchild Semiconductor FIN1101K8X Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V, VID = 300mV, VIC = 1.2V unless otherwise specified.
Note 4: tSK(PP) is the magnitude of the difference in differential propagation delay times between identical channels of two devices switching in the same
direction (either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test cir-
cuits.
Note 5: Passing criteria for maximum frequency is the output VOD > 200 mV and the duty cycle is 45% to 55% with all channels switching.
Note 6: Output loading is transmission line environment only; CL is < 1 pF of stray test fixture capacitance.
FIGURE 1. Differential Receiver Voltage Definitions and
Propagation I and Transition Time Test Circuit
FIGURE 2. Differential Driver DC Test Circuit
Note A: All LVDS input pulses have frequency
= 10MHz, t
R or tF < = 0.5 ns
Note B: CL includes all probe and test fixture capacitances
FIGURE 3. Differential Driver Propagation Delay and Transition Time Test Circuit
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLHD
Differential Propagation Delay
0.75
1.1
1.75
ns
LOW-to-HIGH
tPHLD
Differential Propagation Delay
RL = 100 Ω, CL = 5 pF,
0.75
1.1
1.75
ns
HIGH-to-LOW
VID = 200 mV to 450 mV,
tTLHD
Differential Output Rise Time (20% to 80%)
VIC = |VID|/2 to (VCC− (VID/2),
0.29
0.40
0.58
ns
tTHLD
Differential Output Fall Time (80% to 20%)
Duty Cycle
= 50%,
0.29
0.40
0.58
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
See Figure 3 and Figure 4
0.01
0.2
ns
tSK(PP)
Part-to-Part Skew (Note 4)
0.5
ns
fMAX
Maximum Frequency (Note 5)(Note 6)
400
800
MHz
tPZHD
Differential Output Enable Time from Z to HIGH
2.1
5
ns
tPZLD
Differential Output Enable Time from Z to LOW
RL = 100 Ω, CL = 5 pF,
2.3
5
ns
tPHZD
Differential Output Disable Time from HIGH to Z See Figure 2 and Figure 3
1.5
5
ns
tPLZD
Differential Output Disable Time from LOW to Z
1.8
5
ns
tDJ
LVDS Data Jitter,
VID = 300 mV, PRBS = 2
23
− 1,
85
135
ps
Deterministic
VIC = 1.2V at 800 Mbps
tRJ
LVDS Clock Jitter, Random
VID = 300 mV
2.1
3.5
ps
(RMS)
VIC = 1.2 V at 400 MHz


유사한 부품 번호 - FIN1101K8X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FIN1101K8X ONSEMI-FIN1101K8X Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
More results

유사한 설명 - FIN1101K8X

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Fairchild Semiconductor
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
FIN1108 FAIRCHILD-FIN1108 Datasheet
475Kb / 7P
   LVDS 8 Port High Speed Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
[Old version datasheet]   16-PORT LVDS REPEATER
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com