전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCU877GQL 데이터시트(PDF) 3 Page - Texas Instruments

부품명 CDCU877GQL
상세설명  1.8-V PHASE LOCK LOOP CLOCK DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCU877GQL 데이터시트(HTML) 3 Page - Texas Instruments

  CDCU877GQL Datasheet HTML 1Page - Texas Instruments CDCU877GQL Datasheet HTML 2Page - Texas Instruments CDCU877GQL Datasheet HTML 3Page - Texas Instruments CDCU877GQL Datasheet HTML 4Page - Texas Instruments CDCU877GQL Datasheet HTML 5Page - Texas Instruments CDCU877GQL Datasheet HTML 6Page - Texas Instruments CDCU877GQL Datasheet HTML 7Page - Texas Instruments CDCU877GQL Datasheet HTML 8Page - Texas Instruments CDCU877GQL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
CDCU877,, CDCU877A
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS688D – JUNE 2005 – REVISED JULY 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
GQL/ZQL
RHA/RTB
AGND
G1
7
Analog ground
AVDD
H1
8
Analog power
CK
E1
4
I
Clock input with a (10 k
Ω to 100 kΩ) pulldown resistor
Complementary clock input with a (10 k
Ω to 100 kΩ) pulldown
CK
F1
5
I
resistor
FBIN
E6
27
I
Feedback clock input
FBIN
F6
26
I
Complementary feedback clock input
FBOUT
H6
24
O
Feedback clock output
FBOUT
G6
25
O
Complementary feedback clock output
OE
F5
22
I
Output enable (asynchronous)
OS
D5
21
I
Output select (tied to GND or VDD)
B2, B3, B4, B5,
GND
C2, C5, H2, H5,
10
Ground
J2, J3, J4, J5
D2, D3, D4, E2,
1, 6, 9, 15, 20, 23,
VDDQ
E5, F2, G2, G3,
Logic and output power
28, 31, 36
G4, G5
A2, A1, D1, J1, K3,
3, 11, 14, 16, 19,
Y[0:9]
O
Clock outputs
A5, A6, D6, J6, K4
29, 33, 34, 38, 39
A3, B1, C1, K1,
2, 12, 13, 18, 17,
Y[0:9]
K2, A4, B6, C6,
O
Complementary clock outputs
30, 32, 35, 37, 40
K6, K5
FUNCTION TABLE
INPUTS
OUTPUTS
AVDD
OE
OS
CK
CK
Y
Y
FBOUT
FBOUT
PLL
GND
H
X
L
H
L
H
L
H
Bypassed/Off
GND
H
X
H
L
H
L
H
L
Bypassed/Off
GND
L
H
L
H
LZ
LZ
L
H
Bypassed/Off
LZ
LZ
GND
L
L
H
L
H
L
Bypassed/Off
Y7 Active
Y7 Active
1.8 V Nominal
L
H
L
H
LZ
LZ
L
H
On
LZ
LZ
1.8 V Nominal
L
L
H
L
H
L
On
Y7 Active
Y7 Active
1.8 V Nominal
H
X
L
H
L
H
L
H
On
1.8 V Nominal
H
X
H
L
H
L
H
L
On
1.8 V Nominal
X
X
L
L
LZ
LZ
LZ
LZ
Off
X
X
X
H
H
Reserved
3
Submit Documentation Feedback


유사한 부품 번호 - CDCU877GQL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCU877GQL TI-CDCU877GQL Datasheet
410Kb / 17P
[Old version datasheet]   1.8V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI-CDCU877GQL Datasheet
945Kb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI1-CDCU877GQL Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQL TI-CDCU877GQL Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877GQLR TI1-CDCU877GQLR Datasheet
1Mb / 24P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results

유사한 설명 - CDCU877GQL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCU2A877 TI-CDCU2A877 Datasheet
370Kb / 14P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877ZQLT TI-CDCU877ZQLT Datasheet
945Kb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877_1 Datasheet
615Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877 TI-CDCU2A877_1 Datasheet
613Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877 Datasheet
579Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI1-CDCU877_17 Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI-CDCU877_V01 Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
logo
Seme LAB
CDCU877B SEME-LAB-CDCU877B Datasheet
485Kb / 17P
   1.8-V PHASE LOCK LOOP CLOCK DRIVER
logo
Texas Instruments
CDCU877 TI1-CDCU877_15 Datasheet
1Mb / 24P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877_V01 Datasheet
615Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com