전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC0832LCWMX 데이터시트(PDF) 10 Page - Texas Instruments

부품명 DAC0832LCWMX
상세설명  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC0832LCWMX 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DAC0832LCWMX Datasheet HTML 6Page - Texas Instruments DAC0832LCWMX Datasheet HTML 7Page - Texas Instruments DAC0832LCWMX Datasheet HTML 8Page - Texas Instruments DAC0832LCWMX Datasheet HTML 9Page - Texas Instruments DAC0832LCWMX Datasheet HTML 10Page - Texas Instruments DAC0832LCWMX Datasheet HTML 11Page - Texas Instruments DAC0832LCWMX Datasheet HTML 12Page - Texas Instruments DAC0832LCWMX Datasheet HTML 13Page - Texas Instruments DAC0832LCWMX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
DAC0830, DAC0832
SNAS534B – MAY 1999 – REVISED MARCH 2013
www.ti.com
*TIE TO LOGIC 1 IF NOT NEEDED (SEE Double-Buffered Operation).
Figure 13. Controlling Mutiple DACs
Figure 14.
The ILE pin is an active high chip select which can be decoded from the address bus as a qualifier for the normal
CS signal generated during a write operation. This can be used to provide a higher degree of decoding unique
control signals for a particular DAC, and thereby create a more efficient addressing scheme.
Another useful application of the ILE pin of each DAC in a multiple DAC system is to tie these inputs together
and use this as a control line that can effectively “freeze” the outputs of all the DAC's at their present value.
Pulling this line low latches the input register and prevents new data from being written to the DAC. This can be
particularly useful in multiprocessing systems to allow a processor other than the one controlling the DAC's to
take over control of the data bus and control lines. If this second system were to use the same addresses as
those decoded for DAC control (but for a different purpose) the ILE function would prevent the DAC's from being
erroneously altered.
In a “Stand-Alone” system the control signals are generated by discrete logic. In this case double-buffering can
be controlled by simply taking CS and XFER to a logic “0”, ILE to a logic “1” and pulling WR1 low to load data to
the input latch. Pulling WR2 low will then update the analog output. A logic “1” on either of these lines will prevent
the changing of the analog output.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0830 DAC0832


유사한 부품 번호 - DAC0832LCWMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC0832LCJ NSC-DAC0832LCJ Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
DAC0832LCM NSC-DAC0832LCM Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
DAC0832LCN NSC-DAC0832LCN Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
DAC0832LCV NSC-DAC0832LCV Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
More results

유사한 설명 - DAC0832LCWMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
logo
National Semiconductor ...
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
   uP Compatible, Double-Buffered D to A Converters
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com