전자부품 데이터시트 검색엔진 |
|
DZ5-CE003 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers |
|
DZ5-CE003 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 10 page DZ5 Cable Ends Ordering Information 7 09/98 © 1998 Square D All Rights Reserved a American Wire Guage Single Conductor Cable Ends – Packaged in Individual Bag or Bag Strip (DIN 46 228) Conductor c.s.a. (mm2) AWG a Color Type Dimensions (mm) Sold in lots of Catalog Number Weight per lot in kg (lb) øb øb1 c c1 0.5 22 White Short 3 1.4 11 6.2 1000 (10x100) DZ5-CE005L6D 0.085 (0.187) Medium 3 1.4 13 8.2 1000 (10x100) DZ5-CE005D 0.090 (0.198) Long 3 1.4 16.8 12 1000 (10x100) DZ5-CE005L12D 0.095 (0.209) 0.75 20 Grey Short 3.1 1.6 11 6.2 1000 (10x100) DZ5-CE007L6D 0.095 (0.209) Medium 3.1 1.6 13 8.2 1000 (10x100) DZ5-CE007D 0.100 (0.221) 1 18 Red Short 3.4 1.8 11.5 6.2 1000 (10x100) DZ5-CE010L6D 0.095 (0.209) Medium 3.4 1.8 13.5 8.2 1000 (10x100) DZ5-CE010D 0.100 (0.221) Long 3.4 1.8 16.8 12 1000 (10x100) DZ5-CE010L12D 0.150 (0.331) 1.5 16 Black Short 4 2.1 11.5 6.2 1000 (10x100) DZ5-CE015L6D 0.110 (0.243) Medium 4 2.1 13.5 8.2 1000 (10x100) DZ5-CE015D 0.120 (0.265) Long 4 2.1 22.8 17.7 1000 (10x100) DZ5-CE0153D 0.215 (0.474) 2.5 14 Blue Medium 4.6 2.7 14.5 8.2 1000 (10x100) DZ5-CE025D 0.150 (0.331) Long 4.6 2.7 24 17.7 1000 (10x100) DZ5-CE0253D 0.254 (0.560) 4 12 Grey Medium 5.5 3.3 17.3 9.8 1000 (10x100) DZ5-CE042D 0.300 (0.662) Long 5.5 3.3 25.5 17.5 1000 (10x100) DZ5-CE043D 0.455 (1.003) 6 10 Yellow Medium 7 3.95 20 11.5 100 DZ5-CE062D 0.045 (0.099) Long 7 3.95 26 17.5 100 DZ5-CE063D 0.065 (0.143) Single Conductor Cable Ends – Packaged in Dispensing Pack (DIN 46 228) 0.5 22 White Medium 3 1.4 13 8.2 1000 (5x200) AZ5-CE005D 0.140 (0.309) 0.75 20 Grey Medium 3.1 1.6 13 8.2 1000 (5x200) AZ5-CE007D 0.150 (0.331) 1 18 Red Medium 3.4 1.8 13.5 8.2 1000 (5x200) AZ5-CE010D 0.165 (0.364) 1.5 16 Black Medium 4 2.1 13.5 8.2 1000 (5x200) AZ5-CE015D 0.180 (0.397) 2.5 14 Blue Medium 4.6 2.7 14.5 8.2 500 (5x100) AZ5-CE025D 0.160 (0.352) Twin Conductor Cable Ends – Packaged in Dispensing Pack (DIN 46 228) 2 x 0.75 20 Grey 2.8 x 5 1.8 15 8 500 (5x100) AZ5-DE007D 0.130 (0.287) 2 x 1 18 Red 3.4 x 5.4 2.05 15 8 500 (5x100) AZ5-DE010D 0.140 (0.309) 2 x 1.5 16 Black 3.6 x 6.6 2.3 15 8 500 (5x100) AZ5-DE015D 0.155 (0.342) 2 x 2.5 14 Blue 4.2 x 7.8 2.9 18.5 10 250 (5x50) AZ5-DE025D 0.145 (0.320) Short Type Medium Type DZ5-CE c1 c DZ5-CE Short Type Long Type DZ5-CE c1 c AZ5-CE AZ5-DE c1 c AZ5-DE |
유사한 부품 번호 - DZ5-CE003 |
|
유사한 설명 - DZ5-CE003 |