전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33071ADG 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC33071ADG
상세설명  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33071ADG 데이터시트(HTML) 4 Page - ON Semiconductor

  MC33071ADG Datasheet HTML 1Page - ON Semiconductor MC33071ADG Datasheet HTML 2Page - ON Semiconductor MC33071ADG Datasheet HTML 3Page - ON Semiconductor MC33071ADG Datasheet HTML 4Page - ON Semiconductor MC33071ADG Datasheet HTML 5Page - ON Semiconductor MC33071ADG Datasheet HTML 6Page - ON Semiconductor MC33071ADG Datasheet HTML 7Page - ON Semiconductor MC33071ADG Datasheet HTML 8Page - ON Semiconductor MC33071ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, RL = connected to ground. TA = +25°C, unless otherwise noted.)
A Suffix
Non−Suffix
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Slew Rate (Vin = −10 V to +10 V, RL = 2.0 kW, CL = 500 pF)
AV = +1.0
AV = −1.0
SR
8.0
10
13
8.0
10
13
V/ms
Setting Time (10 V Step, AV = −1.0)
To 0.1% (+1/2 LSB of 9−Bits)
To 0.01% (+1/2 LSB of 12−Bits)
ts
1.1
2.2
1.1
2.2
ms
Gain Bandwidth Product (f = 100 kHz)
GBW
3.5
4.5
3.5
4.5
MHz
Power Bandwidth
AV = +1.0, RL = 2.0 kW, VO = 20 Vpp, THD = 5.0%
BW
160
160
kHz
Phase margin
RL = 2.0 kW
RL = 2.0 kW, CL = 300 pF
fm
60
40
60
40
Deg
Gain Margin
RL = 2.0 kW
RL = 2.0 kW, CL = 300 pF
Am
12
4.0
12
4.0
dB
Equivalent Input Noise Voltage
RS = 100 W, f = 1.0 kHz
en
32
32
nV/ Hz
Equivalent Input Noise Current
f = 1.0 kHz
in
0.22
0.22
pA/ Hz
Differential Input Resistance
VCM = 0 V
Rin
150
150
MW
Differential Input Capacitance
VCM = 0 V
Cin
2.5
2.5
pF
Total Harmonic Distortion
AV = +10, RL = 2.0 kW, 2.0 Vpp ≤ VO ≤ 20 Vpp, f = 10 kHz
THD
0.02
0.02
%
Channel Separation (f = 10 kHz)
120
120
dB
Open Loop Output Impedance (f = 1.0 MHz)
|ZO|
30
30
W
Figure 2. Power Supply Configurations
Figure 3. Offset Null Circuit
Single Supply
Split Supplies
1
2
3
4
VCC
VEE
VCC
VCC
VEE
VEE
1
2
3
4
3.0 V to 44 V
VCC+|VEE|≤44 V
Offset nulling range is approximately
±80 mV with a 10 k
potentiometer (MC33071, MC34071 only).
VCC
VEE
1
2
3
4
5
6
7
10 k
+
-


유사한 부품 번호 - MC33071ADG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33071ADG ONSEMI-MC33071ADG Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33071ADG ONSEMI-MC33071ADG Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33071ADG ONSEMI-MC33071ADG Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
More results

유사한 설명 - MC33071ADG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com