전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3671MFX-3.3 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM3671MFX-3.3
상세설명  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671MFX-3.3 데이터시트(HTML) 3 Page - Texas Instruments

  LM3671MFX-3.3 Datasheet HTML 1Page - Texas Instruments LM3671MFX-3.3 Datasheet HTML 2Page - Texas Instruments LM3671MFX-3.3 Datasheet HTML 3Page - Texas Instruments LM3671MFX-3.3 Datasheet HTML 4Page - Texas Instruments LM3671MFX-3.3 Datasheet HTML 5Page - Texas Instruments LM3671MFX-3.3 Datasheet HTML 6Page - Texas Instruments LM3671MFX-3.3 Datasheet HTML 7Page - Texas Instruments LM3671MFX-3.3 Datasheet HTML 8Page - Texas Instruments LM3671MFX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
3
4
6
En
Pgnd
Vin
2
5
Sw
Sgnd
Fb
TOP VIEW
LM3671
LM3671Q
www.ti.com
SNVS294P – NOVEMBER 2004 – REVISED MAY 2013
Figure 5. 6-Pin USON Package
See Package Number NKH0006B (2 mm x 2 mm x 0.6 mm)
PIN DESCRIPTIONS (SOT-23)
Pin #
Name
Description
1
VIN
Power supply input. Connect to the input filter capacitor (Figure 1).
2
GND
Ground pin.
3
EN
Enable pin. The device is in shutdown mode when voltage to this pin is <0.4V and enabled
when >1.0V. Do not leave this pin floating.
4
FB
Feedback analog input. Connect directly to the output filter capacitor for fixed voltage
versions. For adjustable version external resistor dividers are required (Figure 2). The
internal resistor dividers are disabled for the adjustable version.
5
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
PIN DESCRIPTIONS (5-Bump DSBGA)
Pin #
Name
Description
A1
VIN
Power supply input. Connect to the input filter capacitor (Figure 1).
A3
GND
Ground pin.
C1
EN
Enable pin. The device is in shutdown mode when voltage to this pin is <0.4V and enabled
when >1.0V. Do not leave this pin floating.
C3
FB
Feedback analog input. Connect directly to the output filter capacitor for fixed voltage
versions. For adjustable version external resistor dividers are required (Figure 2). The
internal resistor dividers are disabled for the adjustable version.
B2
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
PIN DESCRIPTIONS (6-Pin USON)
Pin #
Name
Description
1
EN
Enable pin. The device is in shutdown mode when voltage to this pin is <0.4V and enabled
when >1.0V. Do not leave this pin floating.
2
Pgnd
Ground pin.
3
VIN
Power supply input. Connect to the input filter capacitor (Figure 1).
4
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
5
Sgnd
Singnal ground (feedback ground).
6
FB
Feedback analog input. Connect directly to the output filter capacitor for fixed voltage
versions. For adjustable version external resistor dividers are required (Figure 2). The
internal resistor dividers are disabled for the adjustable version.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3671 LM3671Q


유사한 부품 번호 - LM3671MFX-3.3

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3671MFX-3.3 NSC-LM3671MFX-3.3 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-3.3 NSC-LM3671MFX-3.3 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MFX-3.3/NOPB TI1-LM3671MFX-3.3/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

유사한 설명 - LM3671MFX-3.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com