전자부품 데이터시트 검색엔진 |
|
LM4040CIM3-2.0 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
LM4040CIM3-2.0 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 52 page 1 2 3 N/C* - + 5 N/C 4 N/C LM4040-N, LM4040Q-N SNOS633H – OCTOBER 2000 – REVISED APRIL 2013 www.ti.com Connection Diagrams *This pin must be left floating or connected to pin 2. *This pin must be left floating or connected to pin 1. Figure 1. SOT-23 (Top View) Figure 2. TO-92 (Bottom View) Figure 3. SC70 (Top View) See Package Number DBZ See Package Number LP See Package Number DCK (JEDEC Registration TO-236AB) SOT-23 AND SC70 Package Marking Information Only three fields of marking are possible on the SOT-23's and SC70's small surface. This table gives the meaning of the three fields. First Field: R = Reference Second Field: Voltage Option J = 2.048V Voltage Option 2 = 2.500V Voltage Option K = 3.000V Voltage Option 4 = 4.096V Voltage Option 5 = 5.000V Voltage Option 8 = 8.192V Voltage Option 0 = 10.000V Voltage Option Third Field: Initial Reverse Breakdown Voltage or Reference Voltage Tolerance A = ±0.1% B = ±0.2% C = +0.5% D = ±1.0% E = ±2.0% Part Marking Field Definition RJA (SOT-23 only) Reference, 2.048V, ±0.1% R2A (SOT-23 only) Reference, 2.500V, ±0.1% RKA (SOT-23 only Reference, 3.000V, ±0.1% R4A (SOT-23 only) Reference, 4.096V, ±0.1% R5A (SOT-23 only) Reference, 5.000V, ±0.1% R8A (SOT-23 only) Reference, 8.192V, ±0.1% R0A (SOT-23 only) Reference, 10.000V, ±0.1% RJB Reference, 2.048V, ±0.2% R2B Reference, 2.500V, ±0.2% RKB Reference, 3.000V, ±0.2% R4B Reference, 4.096V, ±0.2% R5B Reference, 5.000V, ±0.2% R8B (SOT-23 only) Reference, 8.192V, ±0.2% R0B (SOT-23 only) Reference, 10.000V, ±0.2% RJC Reference, 2.048V, ±0.5% R2C Reference, 2.500V, ±0.5% RKC Reference, 3.000V, ±0.5% R4C Reference, 4.096V, ±0.5% R5C Reference, 5.000V, ±0.5% 2 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM4040-N LM4040Q-N |
유사한 부품 번호 - LM4040CIM3-2.0 |
|
유사한 설명 - LM4040CIM3-2.0 |