전자부품 데이터시트 검색엔진 |
|
UC2841DW 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
UC2841DW 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 11 page PARAMETER TEST CONDITIONS UC1841 / UC2841 UC3841 UNITS MIN TYP MAX MIN TYP MAX Power Inputs Start-Up Current VIN = 30V, Pin 2 = 2.5V 4.5 6 4.5 6 mA Operating Current VIN = 30V, Pin 2 = 3.5V 10 14 10 14 mA Supply OV Clamp IIN = 20mA 33 40 45 33 40 45 V Reference Section Reference Voltage TJ = 25°C 4.95 5.0 5.05 4.9 5.0 5.1 V Line Regulation VIN = 8 to 30V 10 15 10 20 mV Load Regulation IL = 0 to 10mA 1020 1030 mV Temperature Stability Over Operating Temperature Range 4.9 5.1 4.85 5.15 V Short Circuit Current VREF = 0, TJ = 25°C -80 -100 -80 -100 mA Oscillator Nominal Frequency TJ = 25°C 47 50 53 45 50 55 kHz Voltage Stability VIN = 8 to 30V 0.5 1 0.5 1 % Temperature Stability Over Operating Temperature Range 45 55 43 57 kHz Maximum Frequency RT = 2k Ω, CT = 330pF 500 500 kHz UC1841 UC2841 UC3841 ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = -55°C to +125°C for the UC1841, -25°C to +85°C for the UC2841, and 0°C to +70°C for the UC3841; VIN = 20V, RT = 20k Ω, CT = .001mfd, RR = 10kΩ, CR = .001mfd, Current Limit Threshold = 200mV, TA = TJ. Supply Voltage, +VIN (Pin 15) (Note 2) Voltage Driven . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +32V Current Driven, 100mA maximum . . . . . . . . . . . . Self-limiting PWM Output Voltage (Pin 12) . . . . . . . . . . . . . . . . . . . . . . . 40V PWM Output Current, Steady-State (Pin 12) . . . . . . . . . 400mA PWM Output Peak Energy Discharge . . . . . . . . . . . . 20 µJoules Driver Bias Current (Pin 14) . . . . . . . . . . . . . . . . . . . . . -200mA Reference Output Current (Pin 16) . . . . . . . . . . . . . . . . -50mA Slow-Start Sink Current (Pin 8) . . . . . . . . . . . . . . . . . . . . 20mA VIN Sense Current (Pin 11). . . . . . . . . . . . . . . . . . . . . . . . 10mA Current Limit Inputs (Pins 6 & 7) . . . . . . . . . . . . . -0.5 to +5.5V Stop Input (Pin 4) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +5.5V Comparator Inputs (Pins 1, 7, 9-11, 16) . . . . . . . . . . . . Internally clamped at 12V Power Dissipation at TA = 25°C (Note 3) . . . . . . . . . . . 1000mW Power Dissipation at TC = 25°C (Note 3) . . . . . . . . . . . 2000mW Operating Junction Temperature . . . . . . . . . . -55°C to +150°C Storage Temperature Range. . . . . . . . . . . . . . -65°C to +150°C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300°C Note 1: All voltages are with respect to ground, Pin 13. Currents are positive-into, negative-out of the specified terminal. Note 2: All pin numbers are referenced to DIL-18 package. Note 3: Consult Packaging Section of Databook for thermal limitations and considerations of package. CONNECTION DIAGRAMS PLCC-20, LCC-20 (TOP VIEW) Q or L Package DIL-18, SOIC-18 (TOP VIEW) J or N, DW Package PACKAGE PIN FUNCTIONS FUNCTION PIN Comp 1 Start/UV 2 OV Sense 3 Stop 4 Reset 5 CUR Thresh 7 CUR Sense 8 Slow Start 9 RT/CT 10 Ramp 11 VIN Sense 12 PWM Out 13 Ground 14 Drive Bias 15 +VIN Supply 17 5.0V REF 18 Inv. Input 19 N.I. Input 20 ABSOLUTE MAXIMUM RATINGS 2 |
유사한 부품 번호 - UC2841DW |
|
유사한 설명 - UC2841DW |