전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC193MJGB 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC193MJGB
상세설명  DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLC193MJGB 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TLC193MJGB Datasheet HTML 3Page - Texas Instruments TLC193MJGB Datasheet HTML 4Page - Texas Instruments TLC193MJGB Datasheet HTML 5Page - Texas Instruments TLC193MJGB Datasheet HTML 6Page - Texas Instruments TLC193MJGB Datasheet HTML 7Page - Texas Instruments TLC193MJGB Datasheet HTML 8Page - Texas Instruments TLC193MJGB Datasheet HTML 9Page - Texas Instruments TLC193MJGB Datasheet HTML 10Page - Texas Instruments TLC193MJGB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLC193, TLC393
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
SLCS115E − DECEMBER 1986 − REVISED JULY 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics, VDD = 5 V, TA = 25°C (see Figure 3)
PARAMETER
TEST CONDITIONS
TLC393C, TLC393I
TLC393Q, TLC193M,
TLC393M
UNIT
MIN
TYP
MAX
Overdrive = 2 mV
4.5
f10 kH
Overdrive = 5 mV
2.5
tPLH
Propagation delay time, low-to-high-level output
f = 10 kHz,
CL =15 pF
Overdrive = 10 mV
1.7
µs
tPLH
Pro agation delay time, low to high level out ut
CL = 15 pF
Overdrive = 20 mV
1.2
µs
Overdrive = 40 mV
1.1
VI = 1.4-V step at IN +
1.1
Overdrive = 2 mV
3.6
f10 kH
Overdrive = 5 mV
2.1
tPHL
Propagation delay time, high-to-low-level output
f = 10 kHz,
CL =15 pF
Overdrive = 10 mV
1.3
µs
tPHL
Pro agation delay time, high to low level out ut
CL = 15 pF
Overdrive = 20 mV
0.85
µs
Overdrive = 40 mV
0.55
VI = 1.4-V step at IN +
0.10
tf
Fall time, output
f = 10 kHz,
CL = 15 pF
Overdrive = 50 mV
22
ns
PARAMETER MEASUREMENT INFORMATION
The TLC393 contains a digital output stage which, if held in the linear region of the transfer curve, can cause
damage to the device. Conventional operational amplifier/comparator testing incorporates the use of a servo
loop that is designed to force the device output to a level within this linear region. Since the servo-loop method
of testing cannot be used, the following alternatives for testing parameters such as input offset voltage,
common-mode rejection ratio, etc., are suggested.
To verify that the input offset voltage falls within the limits specified, the limit value is applied to the input as shown
in Figure 1(a). With the noninverting input positive with respect to the inverting input, the output should be high.
With the input polarity reversed, the output should be low.
A similar test can be made to verify the input offset voltage at the common-mode extremes. The supply voltages
can be slewed as shown in Figure 1(b) for the VICR test, rather than changing the input voltages, to provide
greater accuracy.
+
5 V
Applied VIO
Limit
VO
+
1 V
Applied VIO
Limit
VO
− 4 V
(a) VIO WITH VIC = 0 V
(b) VIO WITH VIC = 4 V
5.1 k
5.1 k
Figure 1. Method for Verifying That Input Offset Voltage Is Within Specified Limits


유사한 부품 번호 - TLC193MJGB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC193MJGB TI-TLC193MJGB Datasheet
1Mb / 33P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results

유사한 설명 - TLC193MJGB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC3702-EP TI1-TLC3702-EP Datasheet
964Kb / 30P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1_14 Datasheet
388Kb / 21P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATOR
TLC193 TI-TLC193_V01 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC3702-EP TI1-TLC3702-EP_14 Datasheet
964Kb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC393-Q1 TI1-TLC393-Q1 Datasheet
330Kb / 18P
[Old version datasheet]   DUAL MICROPOWER LinCMOS田?VOLTAGE COMPARATOR
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com