전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC4053D 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74HC4053D
상세설명  Triple 2-channel analog multiplexer/demultiplexer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4053D 데이터시트(HTML) 5 Page - NXP Semiconductors

  74HC4053D Datasheet HTML 1Page - NXP Semiconductors 74HC4053D Datasheet HTML 2Page - NXP Semiconductors 74HC4053D Datasheet HTML 3Page - NXP Semiconductors 74HC4053D Datasheet HTML 4Page - NXP Semiconductors 74HC4053D Datasheet HTML 5Page - NXP Semiconductors 74HC4053D Datasheet HTML 6Page - NXP Semiconductors 74HC4053D Datasheet HTML 7Page - NXP Semiconductors 74HC4053D Datasheet HTML 8Page - NXP Semiconductors 74HC4053D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
74HC_HCT4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 8 — 19 July 2012
5 of 32
NXP Semiconductors
74HC4053; 74HCT4053
Triple 2-channel analog multiplexer/demultiplexer
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
8.
Limiting values
[1]
To avoid drawing VCC current out of terminal nZ, when switch current flows into terminals nYn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal nZ, no VCC current will flow out of terminals nYn, and in this case
there is no limit for the voltage drop across the switch, but the voltages at nYn and nZ may not exceed VCC or VEE.
[2]
For DIP16 packages: above 70
C the value of P
tot derates linearly with 12 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
E
6
enable input (active LOW)
VEE
7
supply voltage
GND
8
ground supply voltage
S1, S2, S3
11, 10, 9
select input
1Y0, 2Y0, 3Y0
12, 2, 5
independent input or output
1Y1, 2Y1, 3Y1
13, 1, 3
independent input or output
1Z, 2Z, 3Z
14, 15, 4
common output or input
VCC
16
supply voltage
Table 3.
Function table [1]
Inputs
Channel on
E
Sn
LLnY0 to nZ
L
H
nY1 to nZ
H
X
switches off
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS = 0 V (ground).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
[1]
0.5
+11.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
ISK
switch clamping current
VSW < 0.5 V or VSW >VCC +0.5 V
-
20
mA
ISW
switch current
0.5 V < V
SW <VCC +0.5 V
-
25
mA
IEE
supply current
-
20
mA
ICC
supply current
-
50
mA
IGND
ground current
-
50
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
DIP16 package
[2] -
750
mW
SO16, (T)SSOP16, and
DHVQFN16 package
[3] -
500
mW
P
power dissipation
per switch
-
100
mW


유사한 부품 번호 - 74HC4053D

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4053D PHILIPS-74HC4053D Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74HC4053D NXP-74HC4053D Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HC4053D NXP-74HC4053D Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Toshiba Semiconductor
74HC4053D TOSHIBA-74HC4053D Datasheet
257Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-24 Rev.2.0
logo
Nexperia B.V. All right...
74HC4053D NEXPERIA-74HC4053D Datasheet
403Kb / 27P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 12 - 9 February 2023
More results

유사한 설명 - 74HC4053D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com