전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0314 데이터시트(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-0314
상세설명  0.4 Amp Output Current IGBT Gate Drive Optocoupler High speed response
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0314 데이터시트(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0314 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0314 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Solder Reflow Temperature Profile
Regulatory Information
The HCPL-3140/HCPL-0314 have
been approved by the following
organizations:
IEC/EN/DIN EN 60747-5-2
Approved under :
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884
Teil 2):2003-01
(Option 060 only)
UL
Approval under UL 1577,
component recognition program
up to VISO = 2500 Vrms. File
E55361.
CSA
Approval under CSA Component
Acceptance Notice #5, File CA
88324.
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics (HCPL-3140 Option 060)
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤ 150 Vrms
I - IV
for rated mains voltage
≤ 300 Vrms
I - III
for rated mains voltage
≤ 600 Vrms
I-II
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
630
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875=VPR, 100% Production Test with
VPR
1181
Vpeak
tm=1 sec, Partial discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5=VPR, Type and Sample Test, tm=60 sec,
VPR
945
Vpeak
Partial discharge < 5 pC
Highest Allowable Overvoltage
VIOTM
6000
Vpeak
(Transient Overvoltage tini = 10 sec)
Safety-limiting values - maximum values allowed in the
event of a failure.
Case Temperature
TS
175
°C
Input Current**
IS,INPUT
230
mA
Output Power**
PS,OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
* Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section IEC/EN/
DIN EN 60747-5-2 for a detailed description of Method a and Method b partial discharge test profiles.
** Refer to the following figure for dependence of PS and IS on ambient temperature.
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
Recommended Pb-Free IR Profile
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
Note: Non-halide flux should be used.
Note: Non-halide flux should be used.


유사한 부품 번호 - HCPL-0314

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-0314 HP-HCPL-0314 Datasheet
249Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0314 AVAGO-HCPL-0314 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314 AVAGO-HCPL-0314 Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

유사한 설명 - HCPL-0314

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com