전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-HG64 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-HG64
상세설명  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HG64 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HG64 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HG64 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Figure 10. Radiation Pattern – Major Axis
Figure 11. Radiation Pattern – Minor Axis
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90
-60
-30
0
30
6090
ANGULAR DISPLACEMENT - DEGREES
Red
Blue
Green
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-90
-60
-30
0
30
6090
ANGULAR DISPLACEMENT - DEGREES
Red
Blue
Green
Figure12. Relative Light Output vs Junction Temperature
Figure 13. Relative Forward Voltage vs Junction Temperature
0.1
1
10
-40
-20
0
20
40
6080
100
120
140
TJ- JUNCTION TEMPERATURE - °C
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-40
-20
0
20
40
6080
100
120
140
TJ-JUNCTION TEMPERATURE
RED
BLUE
GREEN
RED
GREEN
BLUE


유사한 부품 번호 - HLMP-HG64

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG62-TX0DD AVAGO-HLMP-HG62-TX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG63-TX0DD AVAGO-HLMP-HG63-TX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HG63-TX0XX AVAGO-HLMP-HG63-TX0XX Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results

유사한 설명 - HLMP-HG64

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com