전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-4534 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-4534
상세설명  Dual Channel, High Speed Optocouplers High density packaging
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4534 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4534 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4534 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics (Option 060)
Characteristic
HCPL-
HCPL-
Description
Symbol
2530/2531/4534
0530/0531/0534
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 V rms
I-IV
for rated mains voltage ≤ 300 V rms
I-IV
I-III
for rated mains voltage ≤ 600 V rms
I-III
I-II
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
VIORM
630
567
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test
VPR
1181
1050
Vpeak
with tm = 1 sec, Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and Sample Test,
VPR
945
840
Vpeak
tm = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage
VIOTM
6000
4000
Vpeak
(Transient Overvoltage, tini = 10 sec)
Safety Limiting Values
(Maximum values allowed in the event of a failure.)
Case Temperature
TS
175
150
˚C
Input Current**
IS,INPUT
230
230
mA
Output Power**
PS,OUTPUT
600
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
> 109
> 109
:
*
Refer to the optocoupler section of the Isolation and Control Components Designer's Catalog, under Product Safety Regulations section,
IEC/EN/DIN EN 60747-5-2, for a detailed description of Method a and Method b partial discharge test profiles.
** Refer to the following figure for dependence of PS and IS on ambient temperature.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by protective circuits in application.
0
0
TS – CASE TEMPERATURE – °C
200
700
400
25
800
50
75 100
200
150 175
PS (mW)
IS (mA)
125
100
300
600
500


유사한 부품 번호 - HCPL-4534

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-4534 HP-HCPL-4534 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Broadcom Corporation.
HCPL-4534 BOARDCOM-HCPL-4534 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4534-000E AVAGO-HCPL-4534-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-4534-020E AVAGO-HCPL-4534-020E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-4534-060E AVAGO-HCPL-4534-060E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
More results

유사한 설명 - HCPL-4534

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
752161102G CTS-752161102G Datasheet
233Kb / 4P
   High Density Packaging
753081103GP CTS-753081103GP Datasheet
189Kb / 4P
   High Density Packaging
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com