전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC123AM 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 74VHC123AM
상세설명  Dual Retriggerable Monostable Multivibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC123AM 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button 74VHC123AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHC123AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHC123AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHC123AM Datasheet HTML 6Page - Fairchild Semiconductor 74VHC123AM Datasheet HTML 7Page - Fairchild Semiconductor 74VHC123AM Datasheet HTML 8Page - Fairchild Semiconductor 74VHC123AM Datasheet HTML 9Page - Fairchild Semiconductor 74VHC123AM Datasheet HTML 10Page - Fairchild Semiconductor 74VHC123AM Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC123A Rev. 1.2
7
DC Electrical Characteristics
Note:
3. Per circuit.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40° to 85°C
Units
Min.
Typ.
Max.
Min.
Max.
VIH
HIGH Level Input
Voltage
2.0
1.50
1.50
V
3.0–5.5
0.7 x VCC
0.7 x VCC
VIL
LOW Level Input
Voltage
2.0
0.50
0.50
V
3.0–5.5
0.3 x VCC
0.3 x VCC
VOH
HIGH Level Output
Voltage
2.0
VIN = VIH
or VIL
IOH = –50µA
1.9
2.0
1.9
V
3.0
2.9
3.0
2.9
4.5
4.4
4.5
4.4
3.0
IOH = –4mA
2.58
2.48
4.5
IOH = –8mA
3.94
3.80
VOL
LOW Level Output
Voltage
2.0
VIN = VIH
or VIL
IOL = 50µA
0.0
0.1
0.1
V
3.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
3.0
IOL = 4mA
0.36
0.44
4.5
IOL = 8mA
0.36
0.44
IIN
Input Leakage
Current
0–5.5
VIN = 5.5V or GND
±0.1
±1.0
µA
IIN
Rx/Cx Terminal
Off-State Current
5.5
VIN = VCC or GND
±0.25
±2.50
µA
ICC
Quiescent Supply
Current
5.5
VIN = VCC or GND
4.0
40.0
µA
ICC
Active—State(3)
Supply Current
3.0
VIN = VCC or GND,
Rx/Cx = 0.5 VCC
160
250
280
µA
4.5
380
500
650
5.5
560
750
975


유사한 부품 번호 - 74VHC123AM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC123AM FAIRCHILD-74VHC123AM Datasheet
107Kb / 9P
   Dual Retriggerable Monostable Multivibrator
74VHC123AM FAIRCHILD-74VHC123AM Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
74VHC123AM FAIRCHILD-74VHC123AM Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123AM ONSEMI-74VHC123AM Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123AMTC FAIRCHILD-74VHC123AMTC Datasheet
107Kb / 9P
   Dual Retriggerable Monostable Multivibrator
More results

유사한 설명 - 74VHC123AM

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com