전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1112SX 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN1112SX
상세설명  1A 1.2V Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1112SX 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN1112SX Datasheet HTML 1Page - Fairchild Semiconductor FAN1112SX Datasheet HTML 2Page - Fairchild Semiconductor FAN1112SX Datasheet HTML 3Page - Fairchild Semiconductor FAN1112SX Datasheet HTML 4Page - Fairchild Semiconductor FAN1112SX Datasheet HTML 5Page - Fairchild Semiconductor FAN1112SX Datasheet HTML 6Page - Fairchild Semiconductor FAN1112SX Datasheet HTML 7Page - Fairchild Semiconductor FAN1112SX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.fairchildsemi.com
REV. 1.0.1 9/27/01
Features
• Low dropout voltage
• Load regulation: 0.05% typical
• Trimmed current limit
• On-chip thermal limiting
• Standard SOT-223 and TO-252 packages
• Three-terminal fixed 1.2V
Applications
• Post regulator for switching supplies
• Supply for low-voltage processors
Description
The FAN1112 is a 1.2V low dropout three-terminal
regulator with 1A output current capability. The device has
been optimized for low voltage where transient response and
minimum input voltage are critical.
Current limit is trimmed to ensure specified output current
and controlled short-circuit current. On-chip thermal limiting
provides protection against any combination of overload and
ambient temperatures that would create excessive junction
temperatures.
Unlike PNP type regulators where up to 10% of the output
current is wasted as quiescent current, the quiescent current
of the FAN1112 flows into the load, increasing efficiency.
The FAN1112 regulator is available in the industry-standard
SOT-223 and TO-252 (DPAK) power packages.
Typical Application
VIN = 3.3V
VIN
VOUT
GND
1.2V at 1A
FAN1112
10
µF
++
22
µF
FAN1112
1A 1.2V Low Dropout Linear Regulator


유사한 부품 번호 - FAN1112SX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1112S FAIRCHILD-FAN1112S Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
More results

유사한 설명 - FAN1112SX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com