전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FST3253MTCX 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FST3253MTCX
상세설명  Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3253MTCX 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FST3253MTCX Datasheet HTML 1Page - Fairchild Semiconductor FST3253MTCX Datasheet HTML 2Page - Fairchild Semiconductor FST3253MTCX Datasheet HTML 3Page - Fairchild Semiconductor FST3253MTCX Datasheet HTML 4Page - Fairchild Semiconductor FST3253MTCX Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 3)
Note 1: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The Recommended Operating Conditions tables will define the conditions
for actual device operation.
Note 2: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 3: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 4: Typical values are at VCC = 5.0V and TA = +25°C
Note 5: Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance is determined by the lower of the
voltages on the two (A or B) pins.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS)
−0.5V to +7.0V
DC Input Voltage (VIN)(Note 2)
−0.5V to +7.0V
DC Input Diode Current (lIK) VIN<0V
−50mA
DC Output (IOUT) Sink Current
128mA
DC VCC/GND Current (ICC/IGND)
+/− 100mA
Storage Temperature Range (TSTG)
−65°C to +150 °C
Power Supply Operating (VCC)
4.0V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0ns/V to 5ns/V
Switch I/O
0ns/V to DC
Free Air Operating Temperature (TA)
−40 °C to −85 °C
Symbol
Parameter
VCC
(V)
TA = −40 °C to +85 °C
Units
Conditions
Min
Typ
(Note 4)
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN = −18mA
VIH
High Level Input Voltage
4.0–5.5
2.0
V
VIL
Low Level Input Voltage
4.0–5.5
0.8
V
II
Input Leakage Current
5.5
±1.0
µA0≤ V
IN ≤5.5V
IOZ
OFF-STATE Leakage Current
5.5
±1.0
µA0 ≤A, B ≤V
CC
RON
Switch On Resistance
4.5
4
7
VIN = 0V, IIN = 64mA
(Note 5)
4.5
4
7
VIN = 0V, IIN = 30mA
4.5
8
15
VIN = 2.4V, IIN = 15mA
4.0
11
20
VIN = 2.4V, IIN = 15mA
ICC
Quiescent Supply Current
5.5
3
µAV
IN = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
5.5
2.5
mA
One input at 3.4V
Other inputs at VCC or GND


유사한 부품 번호 - FST3253MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FST3253MTC FAIRCHILD-FST3253MTC Datasheet
138Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST3253MTC ONSEMI-FST3253MTC Datasheet
240Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Revised December 1999
More results

유사한 설명 - FST3253MTCX

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FST3253 ONSEMI-FST3253 Datasheet
240Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
Revised December 1999
logo
Fairchild Semiconductor
FST3253 FAIRCHILD-FST3253 Datasheet
138Kb / 5P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3253 ONSEMI-74FST3253 Datasheet
85Kb / 8P
   Dual 4:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
logo
Fairchild Semiconductor
FSTU3253 FAIRCHILD-FSTU3253 Datasheet
212Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3253 ONSEMI-74FST3253_06 Datasheet
182Kb / 7P
   Dual 4:1 Multiplexer/Demultiplexer Bus Switch
June, 2006 ??Rev. 4
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
   8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
74FST3251 ONSEMI-74FST3251_06 Datasheet
200Kb / 7P
   8:1 Multiplexer/ Demultiplexer Bus Switch
June, 2006 ??Rev. 3
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com