전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-BD06-L00XX 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-BD06-L00XX
상세설명  5mm mini Oval Precision Optical Performance AlInGaP Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD06-L00XX 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-BD06-L00XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Table 2. Device Selection Guide for AlInGaP
Part Number
Color and Dominant
Wavelength
ld (nm) Typ.
Luminous
Intensity
Iv (mcd)
at 20 mA Min.
Luminous
Intensity
Iv (mcd)
at 20 mA Max.
Stand-Off
Leadframe
Orientation
Package
Drawing
HLMP-AG01-K00xx
Red626
310
No
Parallel
A
HLMP-AL01-L00xx
Amber590
400
No
Parallel
A
HLMP-AL01-LP0xx
Amber590
400
1150
No
Parallel
A
HLMP-AL01-N00xx
Amber590
680
No
Parallel
A
HLMP-AL01-NR0xx
Amber590
680
1900
No
Parallel
A
HLMP-AL01-PQKxx
Amber590
880
1150
No
Parallel
A
HLMP-AL11-NR0xx
Amber590
880
1900
Yes
Parallel
B
HLMP-BG01-LM0xx
Red626
400
520
No
Perpendicular
C
HLMP-BG01-MN0xx
Red626
520
680
No
Perpendicular
C
HLMP-BL01-NR0xx
Red626
680
1900
No
Perpendicular
C
HLMP-BL11-KN0xx
Red626
310
880
Yes
Perpendicular
D
HLMP-BL11-NR0xx
Red626
680
1900
Yes
Perpendicular
D


유사한 부품 번호 - HLMP-BD06-L00XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BD06-L00 AVAGO-HLMP-BD06-L00 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

유사한 설명 - HLMP-BD06-L00XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com