전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-BD16-NP0XX 데이터시트(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-BD16-NP0XX
상세설명  5mm mini Oval Precision Optical Performance AlInGaP Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD16-NP0XX 데이터시트(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-BD16-NP0XX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-NP0XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-NP0XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-NP0XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-NP0XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-NP0XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-NP0XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-NP0XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD16-NP0XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Part Numbering System
HLMP-XXXX-XXX XX
Mechanical Options
00:BulkPackaging
DD:AmmoPack
YY:Flexi-Bin;BulkPackaging
ZZ:Flexi-Bin;AmmoPack
Color Bin
0:NoColorBinLimitation
B:Colorbin2and3only
K:Colorbins2and4only
R:ColorBins1,2,4,and6withVFmaxof2.6V
S:Colorbins2and4withVFmaxof2.6V
T:RedColorwithVFmaxof2.6V
Maximum Intensity Bin
0:NoIvBinLimitation
Minimum Intensity Bin
Tint Option
1or6:MatchingColorTints
Standoff Option
0:Without
1:With
Color
D:630nmRed
G:626nmRed
L:590or592nmAmber
Package
A:5mmMiniOval,Parallel
B:5mmMiniOval,Perpendicular
Note:PleaserefertoAB5337forcompleteinformationonpartnumberingsystem.


유사한 부품 번호 - HLMP-BD16-NP0XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BD16-NP0 AVAGO-HLMP-BD16-NP0 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

유사한 설명 - HLMP-BD16-NP0XX

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com