전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1848 데이터시트(PDF) 2 Page - Texas Instruments

부품명 UC1848
상세설명  Average Current Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC1848 데이터시트(HTML) 2 Page - Texas Instruments

  UC1848 Datasheet HTML 1Page - Texas Instruments UC1848 Datasheet HTML 2Page - Texas Instruments UC1848 Datasheet HTML 3Page - Texas Instruments UC1848 Datasheet HTML 4Page - Texas Instruments UC1848 Datasheet HTML 5Page - Texas Instruments UC1848 Datasheet HTML 6Page - Texas Instruments UC1848 Datasheet HTML 7Page - Texas Instruments UC1848 Datasheet HTML 8Page - Texas Instruments UC1848 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
UC1848
UC2848
UC3848
Supply Voltage (Pin 15) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22V
Output Current, Source or Sink (Pin 14)
DC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5A
Pulse (0.5 s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.2A
Power Ground to Ground (Pin 1 to Pin 13) . . . . . . . . . . .
± 0.2V
Analog Input Voltages
(Pins 3, 4, 7, 8, 12, 16) . . . . . . . . . . . . . . . . . . . . . –0.3 to 7V
Analog Input Currents, Source or Sink
(Pins 3, 4, 7, 8, 11, 12, 16) . . . . . . . . . . . . . . . . . . . . . . 1mA
Analog Output Currents, Source or Sink (Pins 5 & 10) . . . 5mA
Power Dissipation at TA = 60°C . . . . . . . . . . . . . . . . . . . . . . 1W
Storage Temperature Range
...............−65°C to +150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . +300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
GND
2
VREF
3
NI
4
INV
5
N/C
6
CAO
7
CT
8
VS
9
DMAX
10
N/C
11
CDC
12
CI
13
IOFF
14
ION
15
N/C
16
PGND
17
OUT
18
VCC
19
UV
20
PLCC-20 & LCC-20
(Top View)
Q & L Packages
CONNECTION DIAGRAMS
DIL-16, SOIC-16 (Top View)
J, N, or DW Packages
Package
QJA
QJC
DIL-16J
80-120
28
(2)
DIL-16N
90
(1)
45
SOIC-16DW
50-100
(1)
27
PLCC-20
43-75
(1)
34
LCC-20
70-80
20
(2)(3)
THERMAL RATINGS TABLE
Q
Q
Q


유사한 부품 번호 - UC1848

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848J TI1-UC1848J Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
More results

유사한 설명 - UC1848

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1886 TI-UC1886 Datasheet
292Kb / 8P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC2886 TI1-UC2886_14 Datasheet
257Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com