전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM1233ACS3X 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FM1233ACS3X
상세설명  3-Pin 關C Supervisor Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM1233ACS3X 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FM1233ACS3X Datasheet HTML 1Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 2Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 3Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 4Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 5Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 6Page - Fairchild Semiconductor FM1233ACS3X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
FM1233A Rev. E
General Description
The FM1233A features a highly accurate voltage reference to
which VCC is compared. Once VCC is below the specified thresh-
old, it will drive the RESET line and continue to hold it low until
VCC returns above the threshold and the time for the RESET
pulse duration has expired. The FM1233A is immune to short
negative going transients on the VCC line. The placement of a
0.1µF bypass capacitor as close as possible to the VCC pin pro-
vides additional transient immunity.
For a VCC value below 1.0V, the FM1233A does not sink very
much current on the RESET pin. This is not a problem in most
systems since common devices are not functional in this range.
If it is desired for the FM1233A reset to be functional below this
range, use a 100K
Ω pull-down resistor between RESET and
VSS.
Bi-Directional Reset
The FM1233A permits a pushbutton (or a signal) to initiate a
reset externally. Once this external reset is detected on the
reset pin, FM1233 also actively asserts the reset signal to main-
tain the Reset Timeout period when the external reset is not
present .
FM1233 internally debounces glitches seen during a typical
push button closure. For proper operation, the external switch
should be paralleled by an external capacitor of 100pF to
0.01µF.
Connecting an External Reset to the FM1233A
1
FM1233
Controller
2
3
VCC
GND
100pF
PUSH
BUTTON
RESET


유사한 부품 번호 - FM1233ACS3X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BDS3X FAIRCHILD-FM1233BDS3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BES3X FAIRCHILD-FM1233BES3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233BFS3X FAIRCHILD-FM1233BFS3X Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
More results

유사한 설명 - FM1233ACS3X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233B FAIRCHILD-FM1233B Datasheet
31Kb / 6P
   3-Pin 關C Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM803 FAIRCHILD-FM803 Datasheet
345Kb / 7P
   3-Pin 關C Supervisor Device
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com