전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM24C08U 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FM24C08U
상세설명  4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM24C08U 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FM24C08U Datasheet HTML 1Page - Fairchild Semiconductor FM24C08U Datasheet HTML 2Page - Fairchild Semiconductor FM24C08U Datasheet HTML 3Page - Fairchild Semiconductor FM24C08U Datasheet HTML 4Page - Fairchild Semiconductor FM24C08U Datasheet HTML 5Page - Fairchild Semiconductor FM24C08U Datasheet HTML 6Page - Fairchild Semiconductor FM24C08U Datasheet HTML 7Page - Fairchild Semiconductor FM24C08U Datasheet HTML 8Page - Fairchild Semiconductor FM24C08U Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
FM24C04U/05U Rev. A.3
Product Specifications
Absolute Maximum Ratings
Ambient Storage Temperature
–65
°C to +150°C
All Input or Output Voltages
with Respect to Ground
–0.3V to 6.5V
Lead Temperature
(Soldering, 10 seconds)
+300
°C
ESD Rating
2000V min.
Operating Conditions
Ambient Operating Temperature
FM24C04U/05U
0
°C to +70°C
FM24C04UE/05UE
-40
°C to +85°C
FM24C04UV/05UV
-40
°C to +125°C
Positive Power Supply
FM24C04U/05U
4.5V to 5.5V
FM24C04UL/05UL
2.7V to 5.5V
FM24C04ULZ/05ULZ
2.7V to 5.5V
DC Electrical Characteristics (2.7V to 5.5V)
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
(Note 1)
I
CCA
Active Power Supply Current
f
SCL = 400 KHz ("F" version)
0.2
1.0
mA
fSCL = 100 KHz
I
SB
Standby Current
V
IN = GND
V
CC = 2.7V - 5.5V
10
50
µA
(Note 3)
or V
CC
V
CC = 2.7V - 5.5V (L)
1
10
µA
VCC = 2.7V - 4.5V (LZ)
0.1
1
µA
I
LI
Input Leakage Current
V
IN = GND to VCC
0.1
1
µA
ILO
Output Leakage Current
VOUT = GND to VCC
0.1
1
µA
V
IL
Input Low Voltage
–0.3
V
CC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
V
OL
Output Low Voltage
I
OL = 3 mA
0.4
V
Capacitance T
A = +25°C, f = 100/400 KHz, VCC = 5V (Note 2)
Symbol
Test
Conditions
Max
Units
C
I/O
Input/Output Capacitance (SDA)
V
I/O = 0V
8
pF
CIN
Input Capacitance (A0, A1, A2, SCL)
VIN = 0V
6
pF
Note 1: Typical values are TA = 25°C and nominal supply voltage of 5V for 4.5V-5.5V operation and at 3V for 2.7V-4.5V operation.
Note 2: This parameter is periodically sampled and not 100% tested.
Note 3: The "L" and "LZ" versions can be operated in the 2.7V to 5.5V VCC range. However, for a standby current (ISB) of 1µA, the VCC should be within 2.7V to 4.5V.


유사한 부품 번호 - FM24C08U

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM24C08U FAIRCHILD-FM24C08U Datasheet
105Kb / 14P
   8K-Bit Standard 2-Wire Bus
FM24C08U/09U FAIRCHILD-FM24C08U/09U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C08U/09U FAIRCHILD-FM24C08U/09U Datasheet
105Kb / 14P
   8K-Bit Standard 2-Wire Bus
More results

유사한 설명 - FM24C08U

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com