전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM3540 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FM3540
상세설명  4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3540 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FM3540 Datasheet HTML 2Page - Fairchild Semiconductor FM3540 Datasheet HTML 3Page - Fairchild Semiconductor FM3540 Datasheet HTML 4Page - Fairchild Semiconductor FM3540 Datasheet HTML 5Page - Fairchild Semiconductor FM3540 Datasheet HTML 6Page - Fairchild Semiconductor FM3540 Datasheet HTML 7Page - Fairchild Semiconductor FM3540 Datasheet HTML 8Page - Fairchild Semiconductor FM3540 Datasheet HTML 9Page - Fairchild Semiconductor FM3540 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
www.fairchildsemi.com
FM3540/60 Rev. C
Order Number FM3540XMT
Package Number MTC14
X = C for open collector
and X = S for 2.5V
Physical Dimensions inches (millimeters) unless otherwise noted
5.0 –0.1
3.2
6.4
17
14
8
4.4 – 0.1
(7.72) Typ
(4.16) Typ
(1.78) Typ
(0.42) Typ
0.2 C B A
(0.65) Typ
0.10 – 0.05 TYP
All Lead Tips
0.65 Typ.
1 Max
TYP
0.19 - 0.30 TYP
Pin #1 IDENT
0.9 - 0.20 TYP
(0.9)
0¡-8¡
0.6 –0.1
0.25
Seating
plane
Gage
plane
See detail A
Dimensions are in millimeters
Notes: Unless otherwise specified
1. Reference JEDED registration MO153. Variation AB.
Ref. Note 6, dated 7/93
Land pattern recommendation
DETAIL A
Typ. Scale: 40X
- A -
- B -
- C -
0.13
C
s
B
A
s
M
0.1 C
All Lead Tips


유사한 부품 번호 - FM3540

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FM350 RECTRON-FM350 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM350 FORMOSA-FM350 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM350 WINNERJOIN-FM350 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM350-A FORMOSA-FM350-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM350-AL FORMOSA-FM350-AL Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

유사한 설명 - FM3540

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PCA8550 PHILIPS-PCA8550 Datasheet
87Kb / 12P
   4-bit multiplexed/1-bit latched 5-bit I2C EEPROM
1998 Sep 29
PCA9558 NXP-PCA9558 Datasheet
165Kb / 27P
   8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
Rev. 04-14 April 2009
PCA9559 PHILIPS-PCA9559 Datasheet
83Kb / 11P
   5-bit multiplexed/1-bit latched 6-bit I2C EEPROM
2003 Jun 27
PCA9558 PHILIPS-PCA9558 Datasheet
131Kb / 18P
   8-bit I2C and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C EEPROM and 2 k bit EEPROM
2002 May 24
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
logo
NXP Semiconductors
PCA9560 PHILIPS-PCA9560 Datasheet
111Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2003 Jun 27
PCA9560 PHILIPS-PCA9560_04 Datasheet
129Kb / 17P
   Dual 5-bit multiplexed 1-bit latched I2C EEPROM DIP switch
2004 May 19
logo
Texas Instruments
DP83936AVUL-20 TI1-DP83936AVUL-20_11 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com