전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM3570M20X 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FM3570M20X
상세설명  CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3570M20X 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  FM3570M20X Datasheet HTML 1Page - Fairchild Semiconductor FM3570M20X Datasheet HTML 2Page - Fairchild Semiconductor FM3570M20X Datasheet HTML 3Page - Fairchild Semiconductor FM3570M20X Datasheet HTML 4Page - Fairchild Semiconductor FM3570M20X Datasheet HTML 5Page - Fairchild Semiconductor FM3570M20X Datasheet HTML 6Page - Fairchild Semiconductor FM3570M20X Datasheet HTML 7Page - Fairchild Semiconductor FM3570M20X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
www.fairchildsemi.com
FM3570 Rev. A
Physical Dimensions inches (millimeters) unless otherwise noted
20
Lead No. 1
IDENT
11
10
1
0.394 - 0.419
[10.008 - 10.643]
0.496 - 05.12
[12.598 - 13.005]
0.050
[1.270]
TYP
0.008
[0.203]
0.014-0.020
[0.356-0.508]
30¡ TYP
0.004-0.012
[0.102-0.305]
TYP
Seating Plane
0.010
[0.254]
MAX
TYP
TYP
0.093 - 0.104
[2.362 - 2.642]
0.014
[0.356]
0.291-0.299
[7.391- 7.595]
0.009-0.013
[0.229-0.330]
TYP All Leads
0.010 - 0.029
[0.254 - 0.737]
8¡ Max Typ
All Leads
x45¡
0.004
[0.102]
All Leads
Tips
0.016 - 0.050
[0.406 - 1.270]
Typ All Leads
Molded Small Outline Package (M)
Order Number FM3570M20
Package Number M20B


유사한 부품 번호 - FM3570M20X

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
FM350 RECTRON-FM350 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM350 FORMOSA-FM350 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM350 WINNERJOIN-FM350 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM350-A FORMOSA-FM350-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM350-AL FORMOSA-FM350-AL Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

유사한 설명 - FM3570M20X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM3565 FAIRCHILD-FM3565 Datasheet
84Kb / 7P
   CPU CONFIGURATION CONTROLLER Register/Multiplexer for Microprocessor VID
logo
STMicroelectronics
M74HC298 STMICROELECTRONICS-M74HC298 Datasheet
253Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC298 STMICROELECTRONICS-M54HC298 Datasheet
248Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER/REGISTER
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Advanced Micro Devices
AM2922 AMD-AM2922 Datasheet
322Kb / 7P
   Eight Input multiplexer with Control Register
logo
ON Semiconductor
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
   Synchronous CPU Buck Controller for 12V Only Applications
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com