전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3-1394723-0 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 3-1394723-0
상세설명  Connectivity Systems for PV Manufacturers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

3-1394723-0 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button 3-1394723-0 Datasheet HTML 2Page - STMicroelectronics 3-1394723-0 Datasheet HTML 3Page - STMicroelectronics 3-1394723-0 Datasheet HTML 4Page - STMicroelectronics 3-1394723-0 Datasheet HTML 5Page - STMicroelectronics 3-1394723-0 Datasheet HTML 6Page - STMicroelectronics 3-1394723-0 Datasheet HTML 7Page - STMicroelectronics 3-1394723-0 Datasheet HTML 8Page - STMicroelectronics 3-1394723-0 Datasheet HTML 9Page - STMicroelectronics 3-1394723-0 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
SOLARLOK Connectivity Systems for PV Manufacturers
te.com/solar
Catalog 3-1773458-7 | Issue Date 04/2011
Dimensions are in inches and millimeters unless otherwise specified.
Values in brackets are standard equivalents. Dimensions are shown
for reference purposes only. Specifications subject to change.
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
4
Junction Box
Variable wiring options
Simple, fast and cost-effective assembly
Flat, low profile design
High current carrying capacity
Good thermal balance
Connectorized or direct wire configurations
Up to four outputs possible
Up to six internal rails
Customer-specific solutions
TÜV and UL approved
Cable Couplers
Simple on-site processing
Mating safety provided by keyed housings
Semi-automatic assembly capability possible
Multiple plugging and unplugging cycles
Accomodates solar cable with different
insulation diameters
High current carrying capacity
Wide temperature operating range
TÜV and UL approved
Solar Cable
Dual wall insulation
Electron beam cross-linked
Excellent resistance to U.V., water,
ozone, fluids, salt, general weathering
Excellent resistance to abrasion
Halogen free, flame retardant, low toxicity
Very low smoke emissions
Excellent flexibility and stripping performance
Temperature Rating : –40°C up to +125°C
Nominal Voltage : Vo/V 1800/3000 VAC,
2600 VDC
Test Voltage : 6KV, 50Hz, 5min
Bending Radius : ≥ 5 x outer diameter
TÜV and UL approved
System Features
The SOLARLOK Product Concept
Market expansion of the formerly regulated
energy supply sector, increased global
environmental awareness and governments
committing themselves to more stringent
environmental targets have opened up new
opportunities for the photovoltaic industry.
Having served a niche market in the past, the
photovoltaics industry now has the opportunity
to move into mass production, realizing
economies of scale and gaining a greater
market share of the world’s energy mix.
TE has contributed to the establishment of this
environmentally-friendly technology with the
introduction of its SOLARLOK connector system.
The SOLARLOK connector system delivers a
flexible system solution for easy and reliable
interconnections from photovoltaic modules to
the DC/AC converter. The entire system concept
is based on cost-effective and reliable processing
of individual interconnection system components.
This significantly reduces installation costs of
the solar energy system.
The junction box concept is based on a flexible,
open system structure, which allows serial as well
as parallel interconnection via direct wire connect
or separable connectors. Within the junction box,
up to six termination places rails are available for
photovoltaic foil connection. If required by the
customer, the junction box can be delivered
pre-configured with diodes, jumpers, plug
connectors, and solar cable pigtails.
The male and female cable couplers were
designed for high voltage and high current-
carrying capacity in addition to the well-
established IP 67 sealing requirement in the
photovoltaic industry. Mating safety is provided
by polarity keyed housings, fully shrouded
contacts, reliable high cycle life, and a squeeze
to release connection system. In addition, a wide
temperature range and fulfillment of worldwide
standards for photovoltaic connection systems
complement the robust product specification.


유사한 부품 번호 - 3-1394723-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
3-1394723-0 MACOM-3-1394723-0 Datasheet
3Mb / 40P
   SOLARLOK Photovoltaic Interconnection System
More results

유사한 설명 - 3-1394723-0

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ZSPM4523 ETC2-ZSPM4523 Datasheet
271Kb / 3P
   High-Efficiency Solar PV MPPT Regulator for Super Cap Systems
logo
Renesas Technology Corp
ZSPM4523 RENESAS-ZSPM4523 Datasheet
515Kb / 25P
   High-Efficiency Solar PV MPPT Regulator for Super Capacitor Systems
January 29, 2016
logo
Microtune,Inc
MT1550 MICROTUNE-MT1550 Datasheet
82Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
logo
List of Unclassifed Man...
RN-XVEE ETC2-RN-XVEE Datasheet
1Mb / 2P
   Provides drop in, certified Wi-Fi connectivity for existing systems currently using 802.15.4 modules.
logo
SICK AG
CDM490-0101 SICK-CDM490-0101 Datasheet
544Kb / 4P
   CONNECTIVITY
CDM420-0007 SICK-CDM420-0007 Datasheet
639Kb / 4P
   CONNECTIVITY
CDM420-0102 SICK-CDM420-0102 Datasheet
673Kb / 4P
   CONNECTIVITY
CDM420-0108 SICK-CDM420-0108 Datasheet
575Kb / 4P
   CONNECTIVITY
CDM410-0001 SICK-CDM410-0001 Datasheet
437Kb / 4P
   CONNECTIVITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44