전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM75MM8X 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FM75MM8X
상세설명  Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM75MM8X 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FM75MM8X Datasheet HTML 1Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 2Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 3Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 4Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 5Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 6Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 7Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 8Page - Fairchild Semiconductor FM75MM8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FM75
PRODUCT SPECIFICATION
2
REV. 1.0.5 10/2/03
Pin Assignments
Pin Descriptions
Pin #
Name
Direction
Description
1SDA
Input/Output
Serial Data. Open drain to I/O-data pin for two-wire interface.
2
SCL
Input
Serial Clock. Clock for 2-wire serial interface.
3O.S.
Output
Over-Limit Signal. Open drain thermostat output that indicates if the
temperature has exceeded user-programmable limits. Default is
active low.
4
GND
Supply
Ground
5, 6, 7
A0, A1, A2
Input
Address LSBs. User selectable address pins for the 3 LSBs of the
serial interface address.
8VDD
Supply
Supply Voltage
V
DD
A0
A1
A2
SDA
SCL
O.S.
GND
1
2
3
4
8
7
6
5
FM75


유사한 부품 번호 - FM75MM8X

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM75M8X FAIRCHILD-FM75M8X Datasheet
359Kb / 16P
   Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
More results

유사한 설명 - FM75MM8X

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ATS75 ETC2-ATS75 Datasheet
249Kb / 16P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR With Thermal Alarm
logo
Fairchild Semiconductor
FM75 FAIRCHILD-FM75_06 Datasheet
359Kb / 16P
   Low-Voltage Two-Wire Digital Temperature Sensor with Thermal Alarm
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
logo
List of Unclassifed Man...
ASC7511 ETC2-ASC7511 Datasheet
434Kb / 19P
   LOW- OLTAGE 2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Seiko Instruments Inc
S5851A SII-S5851A Datasheet
569Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
logo
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com